Electronic Components Datasheet Search
  English  ▼

X  

1500716 Datasheet (PDF) - PHOENIX CONTACT

1500716 Datasheet PDF - PHOENIX CONTACT
Part # 1500716
Download  1500716 Download
File Size   724.99 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FS SH - Sensor/actuator cable

1500716 Datasheet (PDF)

Go To PDF Page Download Datasheet
1500716 Datasheet PDF - PHOENIX CONTACT

Part # 1500716
Download  1500716 Click to download

File Size   724.99 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FS SH - Sensor/actuator cable

1500716 Datasheet (HTML) - PHOENIX CONTACT


1500716 Product details

Sensor/actuator cable, 4-position halogen-free, shielded (Advanced Shielding Technology), free
cable end, on Socket straight M12, coding: A, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1500716

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/7 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/11 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/14 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/15 SN SW
1500710000 WEIDMULLER-1500710000 Datasheet
96Kb / 6P
BLT 5.08/18 SN SW
More results


Similar Description - 1500716

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424082 PHOENIX-1424082 Datasheet
59Kb / 3P
Sensor/actuator cable - SAC-4P-40,0-PUR/M12FS
12/21/2018
1442502 PHOENIX-1442502 Datasheet
144Kb / 11P
Sensor/actuator cable - SAC-4P-10,0-PUR/M12FS P
09/11/2020
1502730 PHOENIX-1502730 Datasheet
75Kb / 5P
Sensor/actuator cable - SAC-4P-15,0-PUR/M12FS
12/05/2018
1520372 PHOENIX-1520372 Datasheet
155Kb / 11P
Sensor/actuator cable - SAC-8P-10,0-PUR/M12FS
09/11/2020
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1668108 PHOENIX-1668108 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M12FS
09/11/2020
1668124 PHOENIX-1668124 Datasheet
147Kb / 11P
Sensor/actuator cable - SAC-4P- 5,0-PUR/M12FS
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com