Electronic Components Datasheet Search
  English  ▼

X  

1408846 Datasheet (PDF) - PHOENIX CONTACT

1408846 Datasheet PDF - PHOENIX CONTACT
Part # 1408846
Download  1408846 Download
File Size   553.51 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FSS PE - Power cable

1408846 Datasheet (PDF)

Go To PDF Page Download Datasheet
1408846 Datasheet PDF - PHOENIX CONTACT

Part # 1408846
Download  1408846 Click to download

File Size   553.51 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-10,0-PUR/M12FSS PE - Power cable

1408846 Datasheet (HTML) - PHOENIX CONTACT


1408846 Product details

Power cable, 4-position halogen-free, free cable end, on Socket straight M12, coding: S, cable
length: 10 m, for AC current up to 12 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Our standard: robust halogen-free PUR cable




Similar Part No. - 1408846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408840 PHOENIX-1408840 Datasheet
598Kb / 18P
SAC-4P-M12MRS/ 2,0-PUR PE - Power cable
1408841 PHOENIX-1408841 Datasheet
598Kb / 18P
SAC-4P-M12MRS/ 5,0-PUR PE - Power cable
1408842 PHOENIX-1408842 Datasheet
591Kb / 18P
SAC-4P-M12MRS/10,0-PUR PE - Power cable
1408843 PHOENIX-1408843 Datasheet
553Kb / 18P
SAC-4P- 1,0-PUR/M12FSS PE - Power cable
1408844 PHOENIX-1408844 Datasheet
553Kb / 18P
SAC-4P- 2,0-PUR/M12FSS PE - Power cable
More results


Similar Description - 1408846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415199 PHOENIX-1415199 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SCO
1415205 PHOENIX-1415205 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SH SC
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1442502 PHOENIX-1442502 Datasheet
144Kb / 11P
Sensor/actuator cable - SAC-4P-10,0-PUR/M12FS P
09/11/2020
1572605 PHOENIX-1572605 Datasheet
92Kb / 4P
Sensor/actuator cable - SAC-4P-10,0-PUR/M 8FR VA
12/06/2018
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476851 PHOENIX-1476851 Datasheet
318Kb / 7P
SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com