Electronic Components Datasheet Search
  English  ▼

X  

1133364 Datasheet (PDF) - PHOENIX CONTACT

1133364 Datasheet PDF - PHOENIX CONTACT
Part # 1133364
Download  1133364 Download
File Size   259.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-C4F-HSG - Device connector front mounting

1133364 Datasheet (PDF)

Go To PDF Page Download Datasheet
1133364 Datasheet PDF - PHOENIX CONTACT

Part # 1133364
Download  1133364 Click to download

File Size   259.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FT-C4F-HSG - Device connector front mounting

1133364 Datasheet (HTML) - PHOENIX CONTACT


1133364 Product details

Device connector front mounting, Range of articles: Sunclix, housing material: PPE, color: black,
number of positions: 1, min. conductor cross section: 2.5 mm2, max. conductor cross section: 6
mm2, rated voltage: 1500 V DC, rated current: 38 A, Connection method: Crimp, Contact
connection type: Socket

Your advantages
• Fast mounting and durable fixing with the patented fast screw connection
• High yield, thanks to silver-plated contacts
• Patented UNLOCK system allows smaller center distances as well as convenient release
• Unique SUNCLIX pin connector pattern




Similar Part No. - 1133364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1133365 PHOENIX-1133365 Datasheet
262Kb / 10P
PV-FT-C4M-HSG - Device connector front mounting
More results


Similar Description - 1133364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1704925 PHOENIX-1704925 Datasheet
61Kb / 3P
Photovoltaic connector - PV-FT-C2M-HSG
1704926 PHOENIX-1704926 Datasheet
55Kb / 3P
Photovoltaic connector - PV-FT-C2F-HSG
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1592500 PHOENIX-1592500 Datasheet
60Kb / 3P
Device connector, rear mounting - PV-14P1N12HG00
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com