Electronic Components Datasheet Search
  English  ▼

X  

1030649 Datasheet (PDF) - PHOENIX CONTACT

1030649 Datasheet PDF - PHOENIX CONTACT
Part # 1030649
Download  1030649 Download
File Size   184.34 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-ED6/Y-120(2/1-) - Photovoltaic Y-distributor

1030649 Datasheet (PDF)

Go To PDF Page Download Datasheet
1030649 Datasheet PDF - PHOENIX CONTACT

Part # 1030649
Download  1030649 Click to download

File Size   184.34 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-ED6/Y-120(2/1-) - Photovoltaic Y-distributor

1030649 Datasheet (HTML) - PHOENIX CONTACT


1030649 Product details

Photovoltaic Y-distributor, Range of articles: Sunclix, housing material: PPE, color: black

Your advantages
• Suitable for current and future requirements with nominal voltages up to 1500 V
• Easy installation provides increased safety and time savings
• Easy integration into existing systems with preassembled modules
• Different numbers of node outlets and customer-specific cable lengths available on request




Similar Part No. - 1030649

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10306 ETC2-10306 Datasheet
332Kb / 1P
Fuse carriers, Domestic cartridge fuses
10306 ETC2-10306 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Heyco.
10306 HEYCO-10306 Datasheet
106Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Extreme Networks.
10306 EXTREMENETWORKS-10306 Datasheet
206Kb / 10P
High-performance 24-port 10Gb aggregation switch
30aug23
10306 EXTREMENETWORKS-10306 Datasheet
219Kb / 11P
High-performance 48-port 10Gb aggregation and leaf switch
16aug23
More results


Similar Description - 1030649

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1375440000 WEIDMULLER-1375440000 Datasheet
332Kb / 4P
VPU II 0 PV Y 1000V DC
logo
PHOENIX CONTACT
1409204 PHOENIX-1409204 Datasheet
86Kb / 5P
Y distributor - SAC-4P-Y/2XFS B S21 SCO
1523984 PHOENIX-1523984 Datasheet
85Kb / 5P
Y distributor - SAC-3P-Y/2XM 8FS SCO
1054338 PHOENIX-1054338 Datasheet
1Mb / 5P
Y distributor - SAC-8PY-M/2XF BK 1-PSR
1514029 PHOENIX-1514029 Datasheet
1Mb / 6P
Y distributor - SAC-5P-M12Y/2XM12FS VP S21
1410632 PHOENIX-1410632 Datasheet
345Kb / 5P
Y distributor - SAC-4PY-MT/2XFT VP
1454972 PHOENIX-1454972 Datasheet
322Kb / 5P
Y distributor - SAC-8PY-M/2XF VP
1523968 PHOENIX-1523968 Datasheet
309Kb / 6P
Y distributor - SAC-3P-Y/2XFS B PE SCO
1403627 PHOENIX-1403627 Datasheet
386Kb / 5P
Y distributor - SAC-3P-M12Y/2XM12FS 3L
1698013 PHOENIX-1698013 Datasheet
59Kb / 3P
Y distributor - SAC-5P-M12YF/2XM12FS VP
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com