Electronic Components Datasheet Search
  English  ▼

X  

1551590 Datasheet (PDF) - PHOENIX CONTACT

1551590 Datasheet PDF - PHOENIX CONTACT
Part # 1551590
Download  1551590 Download
File Size   365.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MSD-4CON-M16/5,0-931 - Device connector, rear mounting

1551590 Datasheet (PDF)

Go To PDF Page Download Datasheet
1551590 Datasheet PDF - PHOENIX CONTACT

Part # 1551590
Download  1551590 Click to download

File Size   365.92 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MSD-4CON-M16/5,0-931 - Device connector, rear mounting

1551590 Datasheet (HTML) - PHOENIX CONTACT


1551590 Product details

Device connector, rear mounting, Ethernet CAT5 (100 Mbps), Ethernet, 4-position, PUR, water
blue RAL 5021, Pin, straight, M12, coding: D, on free cable end, Rear mounting, M16 x 1.5,
Cable connection, cable length: 5 m, Ethernet, Alternative product in accordance with RoHS II
without Exemption 6c (Pb <0.1%) item no.: 1239991




Similar Part No. - 1551590

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551516 PHOENIX-1551516 Datasheet
198Kb / 5P
SACC-DSI-MSD-4CON-L180 SCO
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1551532 PHOENIX-1551532 Datasheet
284Kb / 9P
SACC-DSI-MSD-4CON-PG9/0,5 SCO - Device connector, rear mounting
1551558 PHOENIX-1551558 Datasheet
524Kb / 12P
SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting
logo
TE Connectivity Ltd
1551572-4 TEC-1551572-4 Datasheet
304Kb / 8P
Shield Finger Scalable Height From 1.24mm to 3.4mm
More results


Similar Description - 1551590

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1552366 PHOENIX-1552366 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/2,0-933 - Device connector, rear mounting
1429127 PHOENIX-1429127 Datasheet
374Kb / 9P
SACCBP-M12FS-6CON-M16/5,0-970 - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
1239594 PHOENIX-1239594 Datasheet
281Kb / 7P
SACCBP-M12MS-6CON-M16/5,0-970X - Device connector, rear mounting
1528549 PHOENIX-1528549 Datasheet
457Kb / 14P
SACCEC-M12FSD-4CON-M16/5,0-931 - Device connector front mounting
1534371 PHOENIX-1534371 Datasheet
427Kb / 11P
SACCBP-M12MSB-2CON-M16/5,0-910 - Device connector, rear mounting
1552379 PHOENIX-1552379 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/5,0-933 - Device connector, rear mounting
1239949 PHOENIX-1239949 Datasheet
432Kb / 13P
SACCBP-M12FSD-4CON-M16/5,0-931X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com