Electronic Components Datasheet Search
  English  ▼

X  

TZ2596A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2596A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2596A
Download  TZ2596A Download
File Size   117.66 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 19.44MHz Crystal Unit

TZ2596A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2596A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2596A
Download  TZ2596A Click to download

File Size   117.66 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 19.44MHz Crystal Unit

TZ2596A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2596A Product details

Features:
Surface Mount Seam Weld Package
Good Frequency Perturbation and Stability over temperature

Description and Applications:
HC49US crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ2596A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2591A TAI-SAW-TZ2591A Datasheet
139Kb / 7P
Crystal Unit SMD 3.2x2.5 32.00MHz
REV. NO.: 1
TZ2591B TAI-SAW-TZ2591B Datasheet
102Kb / 7P
Crystal Unit SMD 3.2x2.5 32.00MHz
REV. NO.: 1
TZ2592A TAI-SAW-TZ2592A Datasheet
339Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ2593A TAI-SAW-TZ2593A Datasheet
166Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 5.0
TZ2593B TAI-SAW-TZ2593B Datasheet
181Kb / 8P
Crystal Unit SMD 2.0x1.6 26.0MHz
REV. NO.: 3.0
More results


Similar Description - TZ2596A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1307A TAI-SAW-TZ1307A Datasheet
71Kb / 5P
HC49US DIP 17.664MHz Crystal Unit
REV. NO.: 2.0
TZ1715A TAI-SAW-TZ1715A Datasheet
304Kb / 4P
HC49US DIP 24.576MHz Crystal Unit
REV. NO.: 1.0
TZ1866A TAI-SAW-TZ1866A Datasheet
79Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ1945A TAI-SAW-TZ1945A Datasheet
210Kb / 4P
HC49US DIP 20MHz Crystal Unit
REV. NO.: 1.0
TZ1953A TAI-SAW-TZ1953A Datasheet
69Kb / 5P
HC49US DIP 3.579545MHz Crystal Unit
REV. NO.: 1.0
TZ1979A TAI-SAW-TZ1979A Datasheet
116Kb / 5P
HC49US DIP 48MHz Crystal Unit
REV. NO.: 1.0
TZ2159A TAI-SAW-TZ2159A Datasheet
71Kb / 5P
HC49US DIP 7.304688MHz Crystal Unit
REV. NO.: 2.0
TZ2512A TAI-SAW-TZ2512A Datasheet
320Kb / 5P
HC49US 19.44MHz Crystal Unit
REV. NO.: 1.0
TZ2592A TAI-SAW-TZ2592A Datasheet
339Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com