Electronic Components Datasheet Search
  English  ▼

X  

1244477 Datasheet (PDF) - PHOENIX CONTACT

1244477 Datasheet PDF - PHOENIX CONTACT
Part # 1244477
Download  1244477 Download
File Size   351.51 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-17P1N12AD00X - Device connector front mounting

1244477 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244477 Datasheet PDF - PHOENIX CONTACT

Part # 1244477
Download  1244477 Click to download

File Size   351.51 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CA-17P1N12AD00X - Device connector front mounting

1244477 Datasheet (HTML) - PHOENIX CONTACT


1244477 Product details

M23, Device connector front mounting, series: RC, angled rotatable, shielded: yes, for standard
and SPEEDCON interlock, No. of pos.: 17, Direction of rotation: Standard, contact connection
type: Pin, Solder connection, Axial O-ring, 4x Ø 3.2, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Easy connection, thanks to infinitely adjustable cable outlet direction up to 310°
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable transmission of signals
• Solder connection: proven connection technology for various litz wires




Similar Part No. - 1244477

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244474 PHOENIX-1244474 Datasheet
400Kb / 11P
CA-12S2N8A80DNSX - Cable connector
1244478 PHOENIX-1244478 Datasheet
319Kb / 9P
CA-09P1N12AD00X - Device connector front mounting
More results


Similar Description - 1244477

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619868 PHOENIX-1619868 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09P1N126Y00
1619869 PHOENIX-1619869 Datasheet
67Kb / 4P
Device connector, front mounting - CA-09S1N126Y00
1619876 PHOENIX-1619876 Datasheet
67Kb / 4P
Device connector, front mounting - CA-06P1N126Y00
1624051 PHOENIX-1624051 Datasheet
320Kb / 6P
Device connector, front mounting - CA-12S1N126L00
1619926 PHOENIX-1619926 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09P1NA22S00
1619928 PHOENIX-1619928 Datasheet
74Kb / 4P
Device connector, front mounting - CA-07P1NA22S00
1619925 PHOENIX-1619925 Datasheet
75Kb / 4P
Device connector, front mounting - CA-12S1NA22S00
1619912 PHOENIX-1619912 Datasheet
74Kb / 4P
Device connector, front mounting - CA-09S1NC22S00
1619902 PHOENIX-1619902 Datasheet
66Kb / 4P
Device connector, front mounting - CA-06P1N126Z00
1619904 PHOENIX-1619904 Datasheet
77Kb / 4P
Device connector, front mounting - CA-17P1NC22S00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com