Electronic Components Datasheet Search
  English  ▼

X  

1864574 Datasheet (PDF) - PHOENIX CONTACT

1864574 Datasheet PDF - PHOENIX CONTACT
Part # 1864574
Download  1864574 Download
File Size   366.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/16-5,0-LL - PCB terminal block

1864574 Datasheet (PDF)

Go To PDF Page Download Datasheet
1864574 Datasheet PDF - PHOENIX CONTACT

Part # 1864574
Download  1864574 Click to download

File Size   366.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/16-5,0-LL - PCB terminal block

1864574 Datasheet (HTML) - PHOENIX CONTACT


1864574 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 320 V, nominal cross section: 1
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: SPTAF 1/..-LL, pitch: 5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Finger-operated and fixable release button for very convenient operation
• Small component size for applications where space is at a premium
• Quick and convenient testing using integrated test option




Similar Part No. - 1864574

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
186457 FESTO-186457 Datasheet
102Kb / 1P
Pressure regulator
More results


Similar Description - 1864574

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1864435 PHOENIX-1864435 Datasheet
146Kb / 7P
PCB terminal block - SPTAF 1/ 2-5,0-LL
1864448 PHOENIX-1864448 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 3-5,0-LL
1864464 PHOENIX-1864464 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 5-5,0-LL
1864477 PHOENIX-1864477 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 6-5,0-LL
1864480 PHOENIX-1864480 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 7-5,0-LL
1864493 PHOENIX-1864493 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 8-5,0-LL
1864503 PHOENIX-1864503 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 9-5,0-LL
1864532 PHOENIX-1864532 Datasheet
127Kb / 8P
PCB terminal block - SPTAF 1/12-5,0-LL
09/11/2020
1864545 PHOENIX-1864545 Datasheet
367Kb / 10P
SPTAF 1/13-5,0-LL - PCB terminal block
1864558 PHOENIX-1864558 Datasheet
366Kb / 10P
SPTAF 1/14-5,0-LL - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com