Electronic Components Datasheet Search
  English  ▼

X  

DMT152 Datasheet (PDF) - Vaisala

DMT152 Datasheet PDF - Vaisala
Part # DMT152
Download  DMT152 Download
File Size   200.88 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description DMT152 Dew Point Transmitter

DMT152 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMT152 Datasheet PDF - Vaisala

Part # DMT152
Download  DMT152 Click to download

File Size   200.88 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description DMT152 Dew Point Transmitter

DMT152 Datasheet (HTML) - Vaisala


DMT152 Product details

Features
Vaisala DRYCAPâ technology with
a polymer sensor
Measures dew point down to
−80 °C (−112 °F)
Withstands condensation
Traceable calibration (certificate
included)
Applications: dry chambers, dry
gases, semiconductor
manufacturing, research and
testing, and compressed air
Applications
The DMT152 is an ideal choice for
industrial applications where it is
necessary to control very low humidity.
Most typical areas of use are air and
plastics dryers, dry chambers, dry gases,
and high-voltage circuit breakers.
The DMT152 measures accurately and
reliably also in the challenging
combination of low humidity and hot air,
which is typical in plastics drying.




Similar Part No. - DMT152

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DMT1-16-6.7L COILCRAFT-DMT1-16-6.7L Datasheet
123Kb / 2P
Output Power Chokes
DMT1-16-6.7L COILCRAFT-DMT1-16-6.7L Datasheet
348Kb / 2P
Output Power Chokes - Toroid Styles
DMT1-16-6.7L COILCRAFT-DMT1-16-6.7L Datasheet
312Kb / 2P
Output Power Chokes ??Toroid Styles
DMT1-180-1.5L COILCRAFT-DMT1-180-1.5L Datasheet
123Kb / 2P
Output Power Chokes
DMT1-180-1.5L COILCRAFT-DMT1-180-1.5L Datasheet
348Kb / 2P
Output Power Chokes - Toroid Styles
More results


Similar Description - DMT152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDS10 ETC-MDS10 Datasheet
73Kb / 2P
Dew sensor
logo
FOTEK CONTROLS CO., LTD...
DPM-1 FOTEK-DPM-1 Datasheet
1Mb / 6P
DEW POINT BUMIDITY METER
logo
PLASTIC PROCESS EQUIPME...
8072A PPE-8072A Datasheet
1Mb / 20P
Portable Dew Point Monitor
February 2017
logo
Vaisala
DM70 VAISALA-DM70 Datasheet
660Kb / 3P
DM70 Handheld Dew Point Meter For spot-checking applications
DMP8 VAISALA-DMP8 Datasheet
544Kb / 3P
DMP8 Dew Point and Temperature Probe
DMT143 VAISALA-DMT143 Datasheet
273Kb / 3P
DMT143 Dew Point Transmitter For OEM applications
DMT143L VAISALA-DMT143L Datasheet
211Kb / 2P
DMT143 Dew Point Transmitter For OEM applications
DMT340 VAISALA-DMT340 Datasheet
1Mb / 6P
DMT340 Series Dew Point and Temperature Transmitters
DPT146 VAISALA-DPT146 Datasheet
326Kb / 2P
DPT146 Dew Point and Pressure Transmitter
logo
E+E Elektronik Ges.m.b....
EE371 EPLUSE-EE371 Datasheet
1Mb / 9P
Compact Dew Point Sensor
06-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com