Electronic Components Datasheet Search
  English  ▼

X  

P89C739 Datasheet (PDF) - NXP Semiconductors

P89C739 Datasheet PDF - NXP Semiconductors
Part # P89C739
Download  P89C739 Download
File Size   360.99 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit Flash microcontrollers

P89C739 Datasheet (PDF)

Go To PDF Page Download Datasheet
P89C739 Datasheet PDF - NXP Semiconductors

Part # P89C739
Download  P89C739 Click to download

File Size   360.99 Kbytes
Page   64 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit Flash microcontrollers

P89C739 Datasheet (HTML) - NXP Semiconductors


P89C739 Product details

GENERAL DESCRIPTION
The P89C738 and P89C739 (hereafter generally referred to as P89C738 unless the P89C739 is specifically mentioned) are 8 8-bit Flash microcontrollers manufactured in an advanced CMOS process and is a derivative of the PCB80C51 microcontroller family. This device provides architectural enhancements that make it applicable in a variety of applications in general control systems, especially in those systems which need a large on-chip ROM and RAM capacity.

FEATURES
• 80C51 CPU
• 64-kbyte on-chip Multiple Programming ROM (MTP-ROM), expandable externally to 64 kbytes program memory address space
• 512-byte on-chip RAM, expandable externally to 64 kbytes data memory address space
• P89C738 pin outs fully compatible to the standard 8051/8052
• 8-bit I/O ports for P89C738: 4 and P89C739: 6
• Full-duplex UART compatible with the standard 80C51 and the 8052
• Two standard 16-bit timers/event counters
• An additional 16-bit timer (functionally equivalent to the Timer 2 of the 8052)
• On-chip Watchdog Timer (T3)
• 6-source and 6-vector interrupt structure with 2 priority levels
• Up to 3 external interrupt request inputs
• Two programmable power reduction modes: Idle and Power-down
• Termination of Idle mode by any interrupt, external or Watchdog Timer reset
• Wake-up from Power-down by external interrupt, external or Watchdog Timer reset
• Packages, – P89C738: DIP40, PLCC44 and QFP44 – P89C739: PLCC68 and QFP64
• Improved Electromagnetic Compatibility (EMC)
• Frequency range: 3.5 to 40 MHz
• ROM code protection




Similar Part No. - P89C739

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51BA PHILIPS-P89C51BA Datasheet
245Kb / 39P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BBD PHILIPS-P89C51BBD Datasheet
245Kb / 39P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BN PHILIPS-P89C51BN Datasheet
245Kb / 39P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BP PHILIPS-P89C51BP Datasheet
245Kb / 39P
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51RA2BA/01 PHILIPS-P89C51RA2BA/01 Datasheet
404Kb / 68P
80C51 8-bit Flash microcontroller family
2002 Jul 18
More results


Similar Description - P89C739

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com