Electronic Components Datasheet Search
  English  ▼

X  

FXPS7140P7 Datasheet (PDF) - NXP Semiconductors

FXPS7140P7 Datasheet PDF - NXP Semiconductors
Part # FXPS7140P7
Download  FXPS7140P7 Download
File Size   1831.34 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSI3 and PSI5 compatible absolute and relative pressure sensor

FXPS7140P7 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXPS7140P7 Datasheet PDF - NXP Semiconductors

Part # FXPS7140P7
Download  FXPS7140P7 Click to download

File Size   1831.34 Kbytes
Page   137 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description DSI3 and PSI5 compatible absolute and relative pressure sensor

FXPS7140P7 Datasheet (HTML) - NXP Semiconductors


FXPS7140P7 Product details

1 General description
FXPS71407 is a DSI3 and PSI5 compatible pressure sensor.

2 Features
• Pressure range options:
– 40 kPa to 140 kPa absolute pressure range
– –40 °C to 125 °C operating temperature range
• DSI3 compatible
– Discovery mode support for physical location identification
– Command and response mode support for device configuration
– Periodic data collection mode support for sensor data transfers
– Background diagnostics mode support during periodic data collection mode
• PSI5 version 2.1 compatible
– Compatible modes: P10P-500/3L, P10P-500/4H, A10P-228/1L, P10CRC-xxx/xx, and many others
– Programmable time slots with 1 μs resolution
– Selectable baud rate: 125 kBd or 189 kBd
– 10-bit data length for relative pressure
– Selectable error detection: even parity, or 3-bit CRC
– Two-wire programming mode
• Pressure transducer and DSP
– Redundant pressure transducers
– Capacitance to voltage converter with anti-aliasing filter
– Sigma delta ADC plus sinc filter
– Selectable 370 Hz, 2-pole, or 400 Hz, 3-pole and 4-pole 800 Hz, 1000 Hz low-pass filter for absolute
pressure
– 0.16 Hz, 1-pole LPF for P0 value
– 10-bit ΔP/P0 output
• Pb-free 16-pin QFN 4 mm x 4 mm x 1.98 mm package




Similar Part No. - FXPS7140P7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXPS7140P7S NXP-FXPS7140P7S Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
FXPS7140P7ST1 NXP-FXPS7140P7ST1 Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
More results


Similar Description - FXPS7140P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
Melexis Microelectronic...
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
Relative Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
MLX90809 MELEXIS-MLX90809 Datasheet
538Kb / 11P
Relative Pressure Sensor
MLX90807 MELEXIS-MLX90807_12 Datasheet
210Kb / 7P
Integrated Relative and Absolute Pressure Sensors
MLX90809 MELEXIS-MLX90809_17 Datasheet
941Kb / 14P
Relative Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Melexis Microelectronic...
MLX90821 MELEXIS-MLX90821 Datasheet
1Mb / 40P
Relative Pressure Sensor IC
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
logo
NXP Semiconductors
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com