Electronic Components Datasheet Search
  English  ▼

X  

TDH5C Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TDH5C Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TDH5C
Download  TDH5C Download
File Size   171.15 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Display 3-digit display shows the height of the desk

TDH5C Datasheet (PDF)

Go To PDF Page Download Datasheet
TDH5C Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TDH5C
Download  TDH5C Click to download

File Size   171.15 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Display 3-digit display shows the height of the desk

TDH5C Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TDH5C Product details

Max. available buttons 6
Color Case: Black, white
Membrane: Black, sputter coating
Digital display: White, blue
Options Metric or imperial display, anti-pulling tube
Display 3-digit display shows the height of the desk
Operational temperature range +5°C~+45°C
4 Memory positions
USB charging port
Classic control for height-adjustable desks
Mounted to the desk front side




Similar Part No. - TDH5C

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TDH5 TIMOTION-TDH5 Datasheet
285Kb / 3P
Operational temperature range 5°C~45°C
20230215-E
logo
MORNSUN Science& Techno...
TDH501D485H MORNSUN-TDH501D485H Datasheet
478Kb / 4P
Industrial Bus
logo
TiMOTION Technology Co....
TDH5PR TIMOTION-TDH5PR Datasheet
252Kb / 3P
Compatible with the TWD1 (Bluetooth adapter)
20201027-B
More results


Similar Description - TDH5C

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1565 EPSON-SED1565 Datasheet
338Kb / 87P
Direct display of RAM data through the display data RAM
logo
PHOENIX CONTACT
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
The figure shows a 5-pos. version of the product
logo
Kyocera Kinseki Corpota...
TFT KSS-TFT Datasheet
3Mb / 8P
Display the Difference
logo
TiMOTION Technology Co....
TDH1 TIMOTION-TDH1 Datasheet
324Kb / 3P
3-digit display shows the height of the desk
20201022-E
TDH12P TIMOTION-TDH12P Datasheet
171Kb / 3P
3-digit display shows the height of the desk
20201028-B
TDH13P TIMOTION-TDH13P Datasheet
222Kb / 3P
3-digit display shows the height of the desk
20201028-C
TDH3 TIMOTION-TDH3 Datasheet
160Kb / 3P
3-digit display shows the height of the desk
20201027-B
TDH4 TIMOTION-TDH4 Datasheet
154Kb / 3P
3-digit display shows the height of the desk
20201027-D
TDH6 TIMOTION-TDH6 Datasheet
245Kb / 3P
3-digit display shows the height of the desk
20201027-B
TDH9P TIMOTION-TDH9P Datasheet
123Kb / 3P
3-digit display shows the height of the desk
20201028-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com