Electronic Components Datasheet Search
  English  ▼

X  

ADPL54203 Datasheet (PDF) - Analog Devices

ADPL54203 Datasheet PDF - Analog Devices
Part # ADPL54203
Download  ADPL54203 Download
File Size   925.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch

ADPL54203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL54203 Datasheet PDF - Analog Devices

Part # ADPL54203
Download  ADPL54203 Click to download

File Size   925.37 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch

ADPL54203 Datasheet (HTML) - Analog Devices


ADPL54203 Product details

GENERAL DESCRIPTION
The ADPL54203 operates from an input voltage range
of 3.2V to 40V and delivers up to 17W of isolated
output power. It is a monolithic micropower isolated
flyback converter. By sampling the isolated output
voltage directly from the primary-side flyback
waveform, the part requires no third winding or optoisolator
for regulation. The output voltage is
programmed with two external resistors and a third
optional temperature compensation resistor.
Boundary mode operation provides a small magnetic
solution with excellent load regulation. Low ripple
Burst Mode operation maintains high efficiency at
light load while minimizing the output voltage ripple.
A 3.4A, 60V DMOS power switch is integrated along
with all the high voltage circuitry and control logic
into a thermally enhanced 8-lead SO package. The
high level of integration and the use of boundary and
low ripple burst modes result in a simple to use, low
component count, and high efficiency application
solution for isolated power delivery.

FEATURES
 3.4A, 60V Internal DMOS Power Switch
 3.2V to 40V Input Voltage Range
 No Transformer Third Winding or Opto-Isolator
Required for Output Voltage Regulation
 Quasi-Resonant Boundary Mode Operation at
Heavy Load
 Low Ripple Burst Mode® Operation at Light
Load
 Low Quiescent Current
 115μA in Sleep Mode
 390μA in Active Mode
 Minimum Load < 0.5% (Typ) of Full Output
 Temperature Compensation for Output Diode
 Internal Compensation and Soft-Start
 Output Short-Circuit Protection
 Accurate EN/UVLO Threshold and Hysteresis
 Thermally Enhanced 8-Lead SO Package

APPLICATIONS
 Isolated Auxiliary/Housekeeping Power Supplies
 Isolated Industrial, Medical Power Supplies




Similar Part No. - ADPL54203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL12002 AD-ADPL12002 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLA AD-ADPL12002AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12002AFLB AD-ADPL12002AFLB Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003 AD-ADPL12003 Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
ADPL12003AFLA AD-ADPL12003AFLA Datasheet
988Kb / 20P
20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
Rev 0; 5/25
More results


Similar Description - ADPL54203

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
36V 4W No-Opto Isolated Flyback Converter
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
LT8306 AD-LT8306 Datasheet
613Kb / 29P
60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com