Electronic Components Datasheet Search
  English  ▼

X  

TPS766 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS766 Datasheet PDF - Texas Instruments
Part # TPS766
Download  TPS766 Download
File Size   2447.16 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS766 250-mA, 16-V Low-Dropout Voltage Regulator

TPS766 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS766 Datasheet PDF - Texas Instruments

Part # TPS766
Download  TPS766 Click to download

File Size   2447.16 Kbytes
Page   44 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS766 250-mA, 16-V Low-Dropout Voltage Regulator

TPS766 Datasheet (HTML) - Texas Instruments


TPS766 Product details

1 Features
• Input voltage range:
– Legacy chip: 2.7 V to 10 V (13.5-V absolute
max)
– New chip: 2.5 V to 16 V (18-V absolute max)
• Output voltage range:
– Legacy chip: 1.5 V to 5 V (fixed) and 1.25 V to
5.5 V (adjustable)
– New chip: 1.2 V to 12 V (fixed) and 0.8 V to
14.6 V (adjustable)
• Output current: Up to 250 mA
• Output accuracy:
– Legacy chip: 3% over load and temperature
– New chip: 1% over load and temperature
• Low quiescent current (IQ):
– Legacy chip: 35 μA (typ) with no load
– New chip: 55 μA (typ) with no load
• IQ (disabled state):
– Legacy chip: 10 μA (max)
– New chip: 4 μA (max)
• Dropout voltage (new chip):
– Up to 225 mV (typ) at 250 mA (TPS76650)
• High PSRR (new chip): 46 dB at 1 MHz
• Internal soft-start time (new chip): 750 μs (typical)
• Overcurrent limiting and thermal protection
• Stable with a 2.2-μF or larger capacitor (new chip)
• Open-drain power-good
• Package: 8-pin, 4.9-mm × 6-mm SOIC (D)
2 Applications
• Residential air conditioners
• Body electronics and lighting
• HVAC systems
• Washers and dryers
3 Description
The TPS766 is a low-dropout (LDO) linear voltage
regulator that supports an input voltage range from
2.5 V to 16 V (new chip) and up to 250 mA of load
current. For the new chip, the supported output range
is from 1.2 V to 12 V (fixed version) or from 0.8 V to
14.6 V (adjustable version).
The input voltage range is up to 16 V (new chip),
which makes the device a good choice for operating
from transformer secondary windings and regulated
rails (such as 10 V or 12 V). Additionally, the wide
output voltage range allows the device to generate
the bias voltage for silicon carbide (SiC) gate drivers
and microphones, as well as power microcontrollers
(MCUs) and processors.
Wide bandwidth PSRR performance is greater than
70 dB at 1 kHz and 46 dB at 1 MHz (new chip),
which helps attenuate the switching frequency of
an upstream DC/DC converter and minimizes post
regulator filtering. The new chip supports internal
soft-start circuit mechanism that reduces inrush
current during start-up, thus allowing for smaller input
capacitance.
The legacy chip supports constant quiescent current
across the complete load current range (typically 35
μA for the full range of output current, 0 mA to 250
mA).




Similar Part No. - TPS766

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
1Mb / 24P
ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601 TI-TPS76601 Datasheet
266Kb / 18P
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76601 TI1-TPS76601 Datasheet
1Mb / 24P
ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601D TI-TPS76601D Datasheet
266Kb / 18P
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76601D TI1-TPS76601D Datasheet
1Mb / 24P
ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TPS766

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Advanced Analog Technol...
AAT1203 AAT-AAT1203 Datasheet
304Kb / 16P
250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH V-AUX SWITCH
V 1.0
logo
ON Semiconductor
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com