Electronic Components Datasheet Search
  English  ▼

X  

TAS5827 Datasheet (PDF) - Texas Instruments

TAS5827 Datasheet PDF - Texas Instruments
Part # TAS5827
Download  TAS5827 Download
File Size   2906.06 Kbytes
Page   116 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS5827 47-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Class-H Algorithm

TAS5827 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS5827 Datasheet PDF - Texas Instruments

Part # TAS5827
Download  TAS5827 Click to download

File Size   2906.06 Kbytes
Page   116 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TAS5827 47-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Class-H Algorithm

TAS5827 Datasheet (HTML) - Texas Instruments


TAS5827 Product details

1 Features
• Supports multiple output configurations
– 2 × 57-W, BTL Mode(6-Ω, 25-V, THD+N=10%)
– 2 × 55-W, BTL Mode(4-Ω, 21-V, THD+N=10%)
– 2 × 47-W, BTL Mode(6-Ω, 25-V, THD+N=1%)
– 2 × 45-W, BTL Mode(4-Ω, 21-V, THD+N=1%)
– 1 × 112-W, PBTL Mode(3-Ω, 25-V,
THD+N=10%)
– 1 × 94-W, PBTL Mode(3-Ω, 25-V, THD+N=1%)
• Flexible audio I/O:
– Supports 32, 44.1, 48, 88.2, 96, 192-kHz
sample rates
– I2S, LJ, RJ, 4- 16 channels TDM input
– SDOUT for audio monitoring, sub-channel, or
echo cancellation
– Supports 3-wire digital audio interface (no
MCLK required)
• High-efficiency Class-D modulation
– > 90% power efficiency, 70 mΩ RDSon
• Excellent audio performance:
– THD+N ≤ 0.03% at 1 W, 1 kHz, PVDD = 12 V
– SNR ≥ 110 dB (A-weighted), ICN ≤ 40 μVrms
• Flexible processing features
– 3-Band advanced DRC + 2 EQs + AGL + 2
EQs
– 12 BQs per channel, level meter
– 96-kHz, 192-kHz processor sampling
– Mixer, volume, dynamic EQ, output crossbar
– PVDD sensing and Class-H algorithm audio
signal tracking
• Flexible power supply configurations
– PVDD: 4.5 V to 26.4 V
– DVDD and I/O: 1.8 V or 3.3 V
• Excellent integrated self-protection:
– Over-current error (OCE)
– Cycle-by-cycle current limit supports 4
selectable OC levels
– Over-temperature warning (OTW)
– Over-temperature error (OTE)
– Under and over-voltage lock-out (UVLO/OVLO)
– PVDD voltage drop detection
• Easy system integration
– I2C Software Control ( TAS5827 supports both
Fast and Fast Plus mode) or Hardware Mode
– Fewer passives required compared to openloop
devices
2 Applications
• Battery-powered speaker
• Wireless bluetooth speakers
• Soundbars and subwoofers
• Smart speaker
3 Description
The TAS5827 is a stereo high-performance, closedloop
Class-D with integrated audio processor and up
to 192-kHz audio support.
After startup with Software Control Mode, TAS5827
not only implements classic BQs, 3-Band DRC, AGL,
but also proprietary audio envelope tracking Class-H
control algorithm. The Class-H algorithm detects the
required audio power demand and provides a PWM
format control signal to the DC-DC converter via the
GPIO pin. The TAS5827 supports a delay buffer up
to 5 ms in BTL mode or 10 ms in PBTL mode, Class-
H control significantly helps to increase the system
efficiency.
When setting the device into Hardware control mode,
TAS5827 supports selecting switching frequency,
analog gain, BTL/PBTL mode and cycle by cycle
current limit threshold through pin configuration. This
mode is designed to eliminate end system software
driver integration efforts.




Similar Part No. - TAS5827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5827 TI2-TAS5827 Datasheet
3Mb / 106P
TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
REVISED AUGUST 2025
More results


Similar Description - TAS5827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TAS5754M TI1-TAS5754M Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier
TAS5756M TI1-TAS5756M Datasheet
3Mb / 104P
Digital Input, Closed-Loop Class-D Amplifier
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1 Datasheet
813Kb / 48P
1x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5720A-Q1 TI1-TAS5720A-Q1_18 Datasheet
1Mb / 46P
1x25-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5825P TI1-TAS5825P Datasheet
1Mb / 96P
TAS5825P 4.5 V to 26.4 V, 38 W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Audio Amplifier with Hybrid-Pro Algorithm
TAS5828M TI-TAS5828M Datasheet
2Mb / 83P
TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
TAS5828M TI-TAS5828M_V01 Datasheet
3Mb / 97P
TAS5828M 50-W Stereo, Digital Input, High Efficiency Closed-Loop Class-D Amplifier with Hybrid-Pro Algorithm
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com