Electronic Components Datasheet Search
  English  ▼

X  

CRBC25 Datasheet (PDF) - CamdenBoss Ltd.

CRBC25 Datasheet PDF - CamdenBoss Ltd.
Part # CRBC25
Download  CRBC25 Download
File Size   265.46 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 1 & 2 Pole PCB Mounting Relay Bases

CRBC25 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRBC25 Datasheet PDF - CamdenBoss Ltd.

Part # CRBC25
Download  CRBC25 Click to download

File Size   265.46 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 1 & 2 Pole PCB Mounting Relay Bases

CRBC25 Datasheet (HTML) - CamdenBoss Ltd.


CRBC25 Product details

• Compact 1 or 2 pole versions
• PCB mounting
• 2.54-5.08mm x 7.62mm pitch
• 3 sizes of fixing clip to suit popular relay sizes in metal and plastic




Similar Part No. - CRBC25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRB ETC2-CRB Datasheet
141Kb / 1P
CERAMIC RESONATOR
logo
AVX Corporation
CRB AVX-CRB Datasheet
107Kb / 6P
Chip Resistor Arrays
logo
Fronter Electronics Co....
CRB FRONTER-CRB Datasheet
247Kb / 1P
CERAMIC RESONATOR
logo
Tyco Electronics
CRB-48-70010 MACOM-CRB-48-70010 Datasheet
32Kb / 1P
Recycle Time Delay Relay
CRB-48-70030 MACOM-CRB-48-70030 Datasheet
32Kb / 1P
Recycle Time Delay Relay
More results


Similar Description - CRBC25

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
logo
Systemsensor advanced i...
B224RB SYSTEMSENSOR-B224RB Datasheet
112Kb / 2P
Intelligent Relay and Isolator Bases
logo
Schurter Inc.
DA22 SCHURTER-DA22 Datasheet
903Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DD21 SCHURTER-DD21 Datasheet
544Kb / 3P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD22 SCHURTER-DD22 Datasheet
712Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
1 pole PCB relay, non-polarized
logo
Schurter Inc.
DD22 SCHURTER-DD22_17 Datasheet
539Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
DD21 SCHURTER-DD21_18 Datasheet
435Kb / 5P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting
DD22 SCHURTER-DD22_V01 Datasheet
559Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole, for PCB Mounting
04.01.2022
DD21 SCHURTER-DD21_V01 Datasheet
449Kb / 5P
IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole, for PCB mounting,
08.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com