Electronic Components Datasheet Search
  English  ▼

X  

NTE3136 Datasheet (PDF) - NTE Electronics

NTE3136 Datasheet PDF - NTE Electronics
Part # NTE3136
Download  NTE3136 Download
File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Light Emitting Diode − 1.8mm

NTE3136 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE3136 Datasheet PDF - NTE Electronics

Part # NTE3136
Download  NTE3136 Click to download

File Size   63.05 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Light Emitting Diode − 1.8mm

NTE3136 Datasheet (HTML) - NTE Electronics


NTE3136 Product details

Features:

• All Plastic Mold Type w/Water Clear Lens:

   NTE3133 (Super Yellow−Green, AllGaP/GaAs)

   NTE3135 (Orange, AllnGaPl/GaAs)

   NTE3136 (Super Orange, AllnGaP/GaAs)

   NTE3138 (Super Red, GaAIAs/GaAIAs)

   NTE3139 (Super Blue, GaAIAs/GaAIAs)



 




Similar Part No. - NTE3136

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE313 NTE-NTE313 Datasheet
18Kb / 2P
Silicon NPN Transistor High Gain, Low Noise, VHF Mixer and VHF/RF Amp
NTE3130 NTE-NTE3130 Datasheet
88Kb / 2P
Light Emitting Diode - 5mm Blinking Yellow, Diffused
NTE3131 NTE-NTE3131 Datasheet
50Kb / 2P
Light Emitting Diode - 5mm Blinking Yellow, Diffused
NTE3132 NTE-NTE3132 Datasheet
57Kb / 1P
Light Emitting Diode Water Clear, High Efficiency Super Yellow−Green
NTE3134 NTE-NTE3134 Datasheet
56Kb / 2P
Light Emitting Diode, 1.8mm
More results


Similar Description - NTE3136

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3134 NTE-NTE3134 Datasheet
56Kb / 2P
Light Emitting Diode, 1.8mm
NTE3140 NTE-NTE3140 Datasheet
61Kb / 2P
Light Emitting Diode − 3mm
NTE3144 NTE-NTE3144 Datasheet
61Kb / 2P
Light Emitting Diode − 5mm
NTE30047 NTE-NTE30047 Datasheet
56Kb / 1P
Infrared Emitting Diode − 5mm
logo
Fairchild Semiconductor
QTLP660CIR FAIRCHILD-QTLP660CIR Datasheet
345Kb / 7P
1.8mm DOME LENS EMITTING DIODE
logo
SHENZHEN YONGERJIA INDU...
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
Light Emitting Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com