Electronic Components Datasheet Search
  English  ▼

X  

IRF9389 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF9389 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF9389
Download  IRF9389 Download
File Size   466.53 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description NP-Channel MOSFET

IRF9389 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9389 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF9389
Download  IRF9389 Click to download

File Size   466.53 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description NP-Channel MOSFET

IRF9389 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF9389 Product details

Applications
«High and Low Side Switches for Inverter
«High and Low Side Switches for Generic Half-Bridge
Features
N-Channel
© Ve (V) = 30V
® I= 6.8A (Vos = 10V)
® Rosen < 27mQ (Ves = 10V)
P-Channel
® Vg (V) = -30V.
® Ip =-4.6A (Ves = -10V)
© Rosny < 64m (Ves = -10V)




Similar Part No. - IRF9389

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF9389 EVVOSEMI-IRF9389 Datasheet
909Kb / 13P
NP-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
High and Low Side Switches for Inverter
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
January 14 2013
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF_15 Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
More results


Similar Description - IRF9389

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF6012 WIINSOK-WSF6012 Datasheet
1Mb / 8P
N&P-Channel MOSFET
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
N P Channel MOSFET
FDS8958 UMW-FDS8958 Datasheet
587Kb / 9P
NP-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com