Electronic Components Datasheet Search
  English  ▼

X  

IRF8313 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF8313 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF8313
Download  IRF8313 Download
File Size   2086.71 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V 2N-Channel Enhancement Mode MOSFET

IRF8313 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF8313 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF8313
Download  IRF8313 Click to download

File Size   2086.71 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V 2N-Channel Enhancement Mode MOSFET

IRF8313 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF8313 Product details

General Description
The is the highest performance trench
N-ch MOSFETs with extreme high cell density,
which provide excellent RDSON and gate charge
for most of the small power switching and
load switch applications. The meet the RoHS and
Product requirement with full function reliability approved.
General Features
VDS = 30V ID =
RDS(ON) < mΩ @ VGS=10V
RDS(ON) < 18mΩ @ VGS=4.5V
Application
Battery protection
Load switch
Uninterruptible power supply
9A
13
IRF8313TR




Similar Part No. - IRF8313

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF8313 EVVOSEMI-IRF8313 Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
Rev:2023A2
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
HEXFET Power MOSFET
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
Fully Characterized Avalanche Voltage and Current
IRF8313PBF IRF-IRF8313PBF_15 Datasheet
260Kb / 10P
Fully Characterized Avalanche Voltage and Current
IRF8313TRPbF IRF-IRF8313TRPbF Datasheet
260Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRF8313

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Anachip Corp
AF9902M ANACHIP-AF9902M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
logo
Advanced Power Electron...
AP9930GM A-POWER-AP9930GM Datasheet
95Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
2N- and 2P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF9956TR UMW-IRF9956TR Datasheet
475Kb / 7P
30V 2N-Channel MOSFET
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com