Electronic Components Datasheet Search
  English  ▼

X  

IRF7401TR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7401TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7401TR
Download  IRF7401TR Download
File Size   408.75 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

IRF7401TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7401TR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7401TR
Download  IRF7401TR Click to download

File Size   408.75 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel MOSFET

IRF7401TR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7401TR Product details

Compatible with Existing Surface Mount Techniques
RoHS Compliant, Halogen-Free


Features
VDS (V) = 20V
RDS(ON) 22 m (VGS = 4.5V)






Similar Part No. - IRF7401TR

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7401TR EVVOSEMI-IRF7401TR Datasheet
402Kb / 8P
N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7401TRPBF IRF-IRF7401TRPBF Datasheet
202Kb / 9P
Generation V Technology
More results


Similar Description - IRF7401TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com