Electronic Components Datasheet Search
  English  ▼

X  

SMDT Datasheet (PDF) - UN Semiconducctor INC

SMDT Datasheet PDF - UN Semiconducctor INC
Part # SMDT
Download  SMDT Download
File Size   2608.64 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors

SMDT Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDT Datasheet PDF - UN Semiconducctor INC

Part # SMDT
Download  SMDT Click to download

File Size   2608.64 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors

SMDT Datasheet (HTML) - UN Semiconducctor INC


SMDT Product details

A
Features
Glass passivated junction .
3000 W peak pulse power capability with a 10/1000 us waveform .
Repetition rate (duty cycle): 0.01% .
Very Fast response time: typically less than 1.0ps from 0V to VBR min
Excellent clamping capability .
For surface mounted applications in order to optimize board space .
High reliability application and automotive grade AECQ101qualified
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .




Similar Part No. - SMDT

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDT-100H SEMPO-SMDT-100H Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-100H-08 SEMPO-SMDT-100H-08 Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-100H-12 SEMPO-SMDT-100H-12 Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-100H-14 SEMPO-SMDT-100H-14 Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-100H-16 SEMPO-SMDT-100H-16 Datasheet
43Kb / 1P
Diode-Thyristor Module
More results


Similar Description - SMDT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
30SMCJ WTE-30SMCJ Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytesonic Electronics C...
SMDJ BYTESONIC-SMDJ Datasheet
609Kb / 4P
3000W Surface Mount Transient Voltage Suppressors
Version 1.0 2017/10/26
logo
HuaXinAn Electronics CO...
SMDJ5.0CA HUAXINAN-SMDJ5.0CA Datasheet
472Kb / 5P
3000W Transient Voltage Suppressors
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
UN Semiconducctor INC
10SMBT UNSEMI-10SMBT Datasheet
3Mb / 5P
6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
TPSMDJ UNSEMI-TPSMDJ Datasheet
2Mb / 6P
10 To 78V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ-AT UNSEMI-SMDJ-AT Datasheet
2Mb / 6P
3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDJ UNSEMI-SMDJ Datasheet
4Mb / 8P
5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com