Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet (PDF) - Analog Devices

LT8640S Datasheet PDF - Analog Devices
Part # LT8640S
Download  LT8640S Download
File Size   984.56 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 10A/12A Peak Synchronous Step-Down Silent Switcher

LT8640S Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8640S Datasheet PDF - Analog Devices

Part # LT8640S
Download  LT8640S Click to download

File Size   984.56 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 10A/12A Peak Synchronous Step-Down Silent Switcher

LT8640S Datasheet (HTML) - Analog Devices


LT8640S Product details

GENERAL DESCRIPTION
The LT®8638-2 synchronous step-down regulator
features the Silent Switcher® architecture designed to
minimize EMI emissions while delivering high efficiency
at high switching frequencies. This performance makes
the LT8638-2 ideal for noise sensitive applications and
environments.
The fast, clean, low overshoot switching edges enable
high efficiency operation even at high switching
frequencies, leading to a small overall solution size.
Peak current mode control with a 25ns minimum ontime
allows high step down ratios even at high switching
frequencies. External compensation through the VC pin
allows for fast transient response. PolyPhase operation
allows multiple LT8638-2 regulators to run with
interleaving phase shift to provide more output current.
Burst Mode operation enables low standby current
consumption, forced continuous mode can control
frequency harmonics across the entire output load
range, or spread spectrum operation can further reduce
EMI emissions. Soft-start and tracking functionality is
accessed through the SS pin, and an accurate input
voltage UVLO threshold can be set using the EN/UV pin.

FEATURES
 Silent Switcher® Architecture
 Ultralow EMI Emissions
 Optional Spread Spectrum Modulation
 High Efficiency at High Frequency
 Up to 96% Efficiency at 1MHz, 12VIN to 5VOUT
 Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
 Wide Input Voltage Range: 2.8V to 42V
 10A Maximum Continuous, 12A Peak Transient
Output
 Fast Transient Response with External
Compensation
 Low Quiescent Current Burst Mode® Operation
 90μA IQ Regulating 12VIN to 5VOUT
 Output Ripple < 10mVP-P
 Reference Accuracy: ±1% Over Temperature
 Fast Minimum Switch On-Time: 25ns
 PolyPhase® Operation: Up to 12 Phases
 Low Dropout Under All Conditions: 45mV at 1A
 Adjustable and Synchronizable: 200kHz to 3MHz
 Output Soft-Start and Power Good
 Safely Tolerates High Reverse Current
 28-Lead 5mm × 4mm LQFN Package
 AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
 Automotive and Industrial Supplies
 General Purpose Step-Down




Similar Part No. - LT8640S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S AD-LT8640S Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8640S AD-LT8640S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8640S AD-LT8640S Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8640S AD-LT8640S Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
More results


Similar Description - LT8640S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com