Electronic Components Datasheet Search
  English  ▼

X  

EUV-100S012SV Datasheet (PDF) - Inventronics Inc.

EUV-100S012SV Datasheet PDF - Inventronics Inc.
Part # EUV-100S012SV
Download  EUV-100S012SV Download
File Size   430.08 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage IP67 Driver

EUV-100S012SV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-100S012SV Datasheet PDF - Inventronics Inc.

Part # EUV-100S012SV
Download  EUV-100S012SV Click to download

File Size   430.08 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 100W Constant Voltage IP67 Driver

EUV-100S012SV Datasheet (HTML) - Inventronics Inc.


EUV-100S012SV Product details

Features
Ultra High Efficiency (Up to 92%)
High Power Factor (0.99 Typical)
Constant Voltage Output
Lightning Protection
All-Round Protection: OVP, OCP, SCP, OTP
IP67
5 Years Warranty

Description
The EUV-100SxxxSV series is a 100W, constant-voltage LED driver that operates from 90-305
Vac input with
excellent power factor. It is created for many lighting applications including architectural, decorative and signage,
etc. The high efficiency of the driver and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
over current, output over voltage, short circuit, and over temperature.




Similar Part No. - EUV-100S012SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-100S012ST INVENTRONICS-EUV-100S012ST Datasheet
211Kb / 7P
Driving the Lighting Revolution
Rev. L
More results


Similar Description - EUV-100S012SV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-100SXXXSV INVENTRONICS-DS-EBV-100SXXXSV Datasheet
531Kb / 9P
100W Constant Voltage IP67 Driver
Rev. C
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
DS-EDC-100S105SV INVENTRONICS-DS-EDC-100S105SV Datasheet
432Kb / 9P
100W Constant Current IP66/IP67 Driver
Rev.B
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-250SXXXSV INVENTRONICS-EUV-250SXXXSV Datasheet
401Kb / 10P
250W Constant Voltage IP67 Driver
Rev. N
LUV-100SXXXSF INVENTRONICS-LUV-100SXXXSF Datasheet
559Kb / 9P
100W Constant Voltage Driver
Rev.B
EBC-100SXXXSV-000X INVENTRONICS-EBC-100SXXXSV-000X Datasheet
197Kb / 8P
100W Constant Current IP67 Driver
Rev. D
EUC-100SXXXDV INVENTRONICS-EUC-100SXXXDV Datasheet
241Kb / 11P
100W Constant Current IP67 Driver
Rev. N
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com