Electronic Components Datasheet Search
  English  ▼

X  

HC5549IM Datasheet (PDF) - Intersil Corporation

HC5549IM Datasheet PDF - Intersil Corporation
Part # HC5549IM
Download  HC5549IM Download
File Size   293.96 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power SLIC with Battery Switch

HC5549IM Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5549IM Datasheet PDF - Intersil Corporation

Part # HC5549IM
Download  HC5549IM Click to download

File Size   293.96 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power SLIC with Battery Switch

HC5549IM Datasheet (HTML) - Intersil Corporation


HC5549IM Product details

The HC5549 Subscriber line interface circuit is a 100V diellectrically isolated bipolar integrated circuit for use in short loop ISDN, PABX and Pairgain applications. The HC5549 has been optimized for low power as required for battery backed remote terminals or for applications requiring emergency powering from the line such as European ISDN NT1+ designs.

Features
• Dual Battery Operation
• Single Additional +5V Supply
• Low Standby Power Consumption (48V, 35mW)
• On Hook Transmission
• Tip and Ring Disconnect
• Soft or Hard Polarity Reversal
• Supports 12kHz or 16kHz Pulse Metering
• Ring Relay Driver
• On Chip 2-wire AC/DC Loopback
• 0°C to 70°C or -40°C to 85°C Ambient Temp Range
• Low External Component Count
• Pb-Free Available (RoHS Compliant)

Applications
• ISDN NT1+ Terminals
• Pairgain Remote Termination
• PABX and Key Systems




Similar Part No. - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549IM INTERSIL-HC5549IM Datasheet
87Kb / 13P
Low Power SLIC with Battery Switch
January 1999
HC5549IM INTERSIL-HC5549IM Datasheet
296Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549IM RENESAS-HC5549IM Datasheet
694Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
More results


Similar Description - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
L7554 Low-Power SLIC
March 1997
L7556 AGERE-L7556 Datasheet
700Kb / 28P
Low-Power SLICs with Battery Switch
January 2000
L7585F AGERE-L7585F Datasheet
441Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
L7585G AGERE-L7585G Datasheet
446Kb / 22P
Full-Feature,Low-Power SLIC and Switch
September 2001
L8560 AGERE-L8560 Datasheet
842Kb / 46P
Low-Power SLIC with Ringing
April 2000
logo
Intersil Corporation
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
Low Power SLIC with Battery Switch
January 1999
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
Low Power SLIC with Battery Switch
October 21, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com