Electronic Components Datasheet Search
  English  ▼

X  

NBP9 Datasheet (PDF) - NXP Semiconductors

NBP9 Datasheet PDF - NXP Semiconductors
Part # NBP9
Download  NBP9 Download
File Size   1370.22 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Battery pressure monitor sensor

NBP9 Datasheet (PDF)

Go To PDF Page Download Datasheet
NBP9 Datasheet PDF - NXP Semiconductors

Part # NBP9
Download  NBP9 Click to download

File Size   1370.22 Kbytes
Page   65 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Battery pressure monitor sensor

NBP9 Datasheet (HTML) - NXP Semiconductors


NBP9 Product details

1 General description
The NBP9 family is a fully integrated battery pressure monitoring sensor (BPMS). The NBP9 BPMS solution
integrates an 8-bit central processing unit (CPU) running on factory-embedded firmware with serial data and
PWM output interfaces to create the ready-to-use battery pressure monitor sensor.
The NBP9 includes unique autonomous features such as periodic data management with host notification,
pressure change detection with host wake up, and self-test.
The NBP9 is packaged in a small 4 mm x 4 mm x 1.98 mm wettable-flank QFN, and is qualified to AEC-Q100
grade 1 and MSL 3 classifications.

2 Features and benefits
• Transducer measurement interfaces with low-power AFE:
– 10-bit compensated pressure sense element
– 8-bit compensated internal device temperature measurement
– 8-bit compensated internal device voltage measurement
• 12-entry pressure FIFO
• Selectable host wake-up indications:
– fixed pressure threshold
– relative pressure threshold
– pressure rate of change threshold
• Client SPI to support host access to internal peripherals, registers, and memory
• Generation of PWM signal encoding error status and pressure measurement
• Qualified in compliance with AEC-Q100, Rev. H
• User-selectable sampling interval
• Low-voltage detection




Similar Part No. - NBP9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NBP9 NXP-NBP9 Datasheet
2Mb / 61P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
NBP9FD4T1 NXP-NBP9FD4T1 Datasheet
2Mb / 61P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
More results


Similar Description - NBP9

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
NXP Semiconductors
FXTH870X6 NXP-FXTH870X6 Datasheet
1Mb / 176P
FXTH870x6 Tire Pressure Monitor Sensor
Rev. 1.3, 09/2014
NBP8 NXP-NBP8 Datasheet
2Mb / 58P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
NBP9 NXP-NBP9 Datasheet
2Mb / 61P
Battery pressure monitor sensor
Rev. 2.4-11 March 2022
NTM88HXX5S NXP-NTM88HXX5S Datasheet
832Kb / 40P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
NTM88JXX5S NXP-NTM88JXX5S_V01 Datasheet
797Kb / 37P
Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
logo
Freescale Semiconductor...
MPXY8300 FREESCALE-MPXY8300 Datasheet
1Mb / 164P
Tire Pressure Monitor Sensor Product Specification
Rev 4, 05/2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com