Electronic Components Datasheet Search
  English  ▼

X  

UC3844 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

UC3844 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # UC3844
Download  UC3844 Download
File Size   881.38 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low Start-Up and Operating Current

UC3844 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3844 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # UC3844
Download  UC3844 Click to download

File Size   881.38 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low Start-Up and Operating Current

UC3844 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


UC3844 Product details

Description
The 3842/43/44/45 are fixed frequency current mode PWM controller. They are specially designed for OFF−Line and DC to
DC converter applications with a minimal external components. Internally implemented circuits include a trimmed oscillator for precise
duty cycle control, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current
totempole output ideally suited for driving a power MOSFET. Protection circuitry includes built undervoltage lockout and current
limiting. The 3842 and 3844 have UVLO thresholds of 16 V (on) and 10 V (off). The corresponding thresholds for the 3843/
45 are 8.4V (on) and 7.6V (off). The 3842) and 3843 can operate within 100% duty cycle. The 3844 and 3845 can operate within 50% duty
cycle.
The 384X has Start-Up Current 0.17mA (typ).

Features
Low Start-Up and Operating Current
High Current Totem Pole Output
Undervoltage Lockout With Hysteresis
Operating Frequency Up To 300KHz (384X)
500KHz (384X)




Similar Part No. - UC3844

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC3844 STMICROELECTRONICS-UC3844 Datasheet
96Kb / 11P
CURRENTMODE PWM CONTROLLER
Oct-1998
logo
Texas Instruments
UC3844 TI-UC3844 Datasheet
433Kb / 8P
Current Mode PWM Controller
logo
Fairchild Semiconductor
UC3844 FAIRCHILD-UC3844 Datasheet
127Kb / 12P
SMPS Controller
More results


Similar Description - UC3844

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
logo
Gamma Microelectronics ...
GM384X GAMMA-GM384X Datasheet
476Kb / 8P
Low Start-Up and Operating Current
logo
Shenzhen Xinmao Microel...
LP2773 LANDP-LP2773 Datasheet
457Kb / 7P
Low start current
logo
Guangdong Youtai Semico...
UC2842 UMW-UC2842 Datasheet
832Kb / 9P
Low Start-Up and Operating Current
UC2842 UMW-UC2842_V01 Datasheet
779Kb / 7P
Low Start-Up and Operating Current
UC3842 UMW-UC3842 Datasheet
874Kb / 7P
Low Start-Up and Operating Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com