Electronic Components Datasheet Search
  English  ▼

X  

1378270 Datasheet (PDF) - PHOENIX CONTACT

1378270 Datasheet PDF - PHOENIX CONTACT
Part # 1378270
Download  1378270 Download
File Size   325.8 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32H 2,2/10-H-5,08-XX - PCB header

1378270 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378270 Datasheet PDF - PHOENIX CONTACT

Part # 1378270
Download  1378270 Click to download

File Size   325.8 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32H 2,2/10-H-5,08-XX - PCB header

1378270 Datasheet (HTML) - PHOENIX CONTACT


1378270 Product details

PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact surface: Tin,
contact connection type: Pin, number of rows: 2, number of positions: 10, product range: DD32H
2,2/..-H, pitch: 5.08 mm, connection method: Crimp connection, mounting: Wave soldering, pin
layout: Linear pinning, solder pin [P]: 3.8 mm, number of solder pins per potential: 1, plug-in
system: CONNEXIS DD, Pin connector pattern alignment: Standard, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Plug-in direction parallel to the PCB
• Easy PCB replacement thanks to plug-in modules
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1378270

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378271 PHOENIX-1378271 Datasheet
324Kb / 8P
DD32H 2,2/12-H-5,08-XX - PCB header
1378272 PHOENIX-1378272 Datasheet
323Kb / 8P
DD32H 2,2/16-H-5,08-XX - PCB header
1378273 PHOENIX-1378273 Datasheet
322Kb / 8P
DD32H 2,2/20-H-5,08-XX - PCB header
1378274 PHOENIX-1378274 Datasheet
320Kb / 8P
DD32H 2,2/ 4-V-5,08-XX - PCB header
1378275 PHOENIX-1378275 Datasheet
323Kb / 8P
DD32H 2,2/ 6-V-5,08-XX - PCB header
More results


Similar Description - 1378270

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378190 PHOENIX-1378190 Datasheet
325Kb / 8P
DD32H 2,2/10-H-5,08-XY - PCB header
1378269 PHOENIX-1378269 Datasheet
326Kb / 8P
DD32H 2,2/ 8-H-5,08-XX - PCB header
1378271 PHOENIX-1378271 Datasheet
324Kb / 8P
DD32H 2,2/12-H-5,08-XX - PCB header
1378276 PHOENIX-1378276 Datasheet
324Kb / 8P
DD32H 2,2/ 8-V-5,08-XX - PCB header
1378265 PHOENIX-1378265 Datasheet
323Kb / 8P
DD32H 2,2/ 4-H-5,08-XX - PCB header
1378272 PHOENIX-1378272 Datasheet
323Kb / 8P
DD32H 2,2/16-H-5,08-XX - PCB header
1378306 PHOENIX-1378306 Datasheet
325Kb / 8P
DD32H 2,2/10-H-5,08-YY - PCB header
1378268 PHOENIX-1378268 Datasheet
327Kb / 8P
DD32H 2,2/ 6-H-5,08-XX - PCB header
1378273 PHOENIX-1378273 Datasheet
322Kb / 8P
DD32H 2,2/20-H-5,08-XX - PCB header
1378277 PHOENIX-1378277 Datasheet
323Kb / 8P
DD32H 2,2/10-V-5,08-XX - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com