Electronic Components Datasheet Search
  English  ▼

X  

SM12 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SM12 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SM12
Download  SM12 Download
File Size   425.03 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description TVS Diode Array

SM12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM12 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SM12
Download  SM12 Click to download

File Size   425.03 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description TVS Diode Array

SM12 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SM12 Product details

DESCRIPTION
The SMxx Series is designed for applications
requiring transient overvoltage protection
capability. They are intended for use in voltage and
ESD sensitive equipment such as computers,
printers, business machines, communication
systems, medical equipment and other
applications. These devices are ideal for situations
where board space is at a premium.
This series has been specifically designed to
protect sensitive components which are connected
to power 、data and transmission lines from
overvoltage caused by ESD(electrostatic
discharge), CDE (Cable Discharge Events),and
EFT (electrical fast transients).

APPLICATIONS
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Networking and Telecom
Serial and Parallel Ports.
Peripherals

FEATURES
IEC61000-4-2 (ESD) ±15kV (air), ±8kV
(contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
350 Watts Peak Pulse Power per (tp=8/20μs)
Protects one bidirectional line or two
unidirectional lines
Low clamping voltage
Working voltages : 3.3V to 36V
Low leakage current




Similar Part No. - SM12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM12 MCC-SM12 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM12 MICROSEMI-SM12 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM12 ONSEMI-SM12 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SM12 SEMTECH-SM12 Datasheet
161Kb / 7P
TVS Diode Array
More results


Similar Description - SM12

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com