Electronic Components Datasheet Search
  English  ▼

X  

30KP102A Datasheet (PDF) - UN Semiconducctor INC

30KP102A Datasheet PDF - UN Semiconducctor INC
Part # 30KP102A
Download  30KP102A Download
File Size   3292.92 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 30000W Surface Mount Transient Voltage Suppressors

30KP102A Datasheet (PDF)

Go To PDF Page Download Datasheet
30KP102A Datasheet PDF - UN Semiconducctor INC

Part # 30KP102A
Download  30KP102A Click to download

File Size   3292.92 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 30000W Surface Mount Transient Voltage Suppressors

30KP102A Datasheet (HTML) - UN Semiconducctor INC


30KP102A Product details

Features
Glass passivated chip
30000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Typical IR less than 2μA above 64V
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant




Similar Part No. - 30KP102A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
30KP102A MDE-30KP102A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP102A MCC-30KP102A Datasheet
237Kb / 3P
30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
MDE Semiconductor, Inc.
30KP102A MDE-30KP102A Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP102A MCC-30KP102A Datasheet
319Kb / 4P
30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
Shanghai Leiditech Elec...
30KP102A LEIDITECH-30KP102A Datasheet
790Kb / 5P
30KW Transient Voltage Suppressor
More results


Similar Description - 30KP102A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
30KPA28CA HUAXINAN-30KPA28CA Datasheet
424Kb / 5P
30000W Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com