Electronic Components Datasheet Search
  English  ▼

X  

NIV3071 Datasheet (PDF) - ON Semiconductor

NIV3071 Datasheet PDF - ON Semiconductor
Part # NIV3071
Download  NIV3071 Download
File Size   2502.03 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description eFuse, 4 Channel, 60 V, 2.5 A

NIV3071 Datasheet (PDF)

Go To PDF Page Download Datasheet
NIV3071 Datasheet PDF - ON Semiconductor

Part # NIV3071
Download  NIV3071 Click to download

File Size   2502.03 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description eFuse, 4 Channel, 60 V, 2.5 A

NIV3071 Datasheet (HTML) - ON Semiconductor


NIV3071 Product details

The NIS/NIV3071 is a 4−channel, 60 V, 2.5 A per channel eFuse
which protects downstream loads from output shorts, overloads and
overcurrent events. Each channel is in a high−side configuration, and
is independently controlled by its corresponding enable pins. The
NIS/NIV3071 communicates status via a common active−low fault
pin. This eFuse features an internal soft start delay, trip time control,
and an adjustable current limit setting common to all channels. The
NIS3071 is well suited for industrial and telecom applications while
the NIV3071 is for automotive applications.
Features
• 4 Independent Channels with 2.5 A Current Capability Each
• Power Device Thermally Protected for Each Channel
• No External Current Shunt Required
• Active−High Digital Enable Pin
• Open−Drain Common Fault Pin
• Adjustable Overcurrent Limit for All Channels
• Adjustable Turn−on Time Control
• NIV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Typical Applications
• Automotive Body Control Modules
• Power Distribution Box
• Automotive Zonal Controllers
• Load/Harness Protection
• Automotive Low−Medium Power Loads
• General Purpose High−Side Load Switch
• Power Amplifier Protection
• Motor Drive Protection
• Telecomm Equipment
• 8 V to 60 V Industrial




Similar Part No. - NIV3071

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIV3071 ONSEMI-NIV3071 Datasheet
2Mb / 13P
eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIV3071MTW3TWG ONSEMI-NIV3071MTW3TWG Datasheet
2Mb / 13P
eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
NIV3071MTW4TWG ONSEMI-NIV3071MTW4TWG Datasheet
2Mb / 13P
eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
More results


Similar Description - NIV3071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2663 TI1-TPS2663 Datasheet
2Mb / 39P
60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663 Datasheet
2Mb / 30P
60-V, 6-A Power Limiting eFuse
TPS1663 TI1-TPS1663_19 Datasheet
3Mb / 42P
60-V, 6-A eFuse with adjustable output power limiting
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
60-V, 6-A Power limiting, surge protection industrial eFuse
TPS2663 TI1-TPS2663_V02 Datasheet
4Mb / 53P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS1663 TI1-TPS1663_V02 Datasheet
3Mb / 43P
TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
TPS2663 TI1-TPS2663_V04 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
TPS2663 TI1-TPS2663_V06 Datasheet
4Mb / 59P
TPS2663x 60-V, 6-A Power Limiting, Surge Protection Industrial eFuse
logo
ON Semiconductor
NTD5C632NL ONSEMI-NTD5C632NL Datasheet
236Kb / 7P
MOSFET ??Single, N-Channel 60 V, 2.5 m, 155 A
May, 2019 ??Rev. 1
NIS3071 ONSEMI-NIS3071 Datasheet
2Mb / 13P
eFuse, 4 Channel, 60 V, 2.5 A
August, 2023 - Rev. P7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com