Electronic Components Datasheet Search
  English  ▼

X  

SI2323 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SI2323 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SI2323
Download  SI2323 Download
File Size   1821.73 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description P-Channel MOSFET

SI2323 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2323 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SI2323
Download  SI2323 Click to download

File Size   1821.73 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description P-Channel MOSFET

SI2323 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SI2323 Product details

Features
VDS
(V)
=-30V
ID =-4.2 A (VGS =-10V)
RDS(ON) < 50mΩ (VGS =-10V)
RDS(ON) < 65mΩ (VGS =-4.5V)




Similar Part No. - SI2323

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
SI2323 EVVOSEMI-SI2323 Datasheet
1Mb / 5P
P-Channel MOSFET
Rev:2023A2
logo
Vishay Siliconix
SI2323CDS VISHAY-SI2323CDS Datasheet
167Kb / 4P
P-Channel 20 V (D-S) MOSFET
05-Apr-10
SI2323CDS VISHAY-SI2323CDS Datasheet
223Kb / 10P
P-Channel 20 V (D-S) MOSFET
30-Sep-13
SI2323CDS VISHAY-SI2323CDS Datasheet
190Kb / 9P
P-Channel 20 V (D-S) MOSFET
30-Sep-13
logo
Shanghai Leiditech Elec...
SI2323CDS LEIDITECH-SI2323CDS Datasheet
2Mb / 5P
-20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
More results


Similar Description - SI2323

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com