Electronic Components Datasheet Search
  English  ▼

X  

496-148-622-323 Datasheet (PDF) - EDAC, All Rights Reserved.

496-148-622-323 Datasheet PDF - EDAC, All Rights Reserved.
Part # 496-148-622-323
Download  496-148-622-323 Download
File Size   148.22 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 496 Series,Edge Connector | DIN 41612

496-148-622-323 Datasheet (PDF)

Go To PDF Page Download Datasheet
496-148-622-323 Datasheet PDF - EDAC, All Rights Reserved.

Part # 496-148-622-323
Download  496-148-622-323 Click to download

File Size   148.22 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 496 Series,Edge Connector | DIN 41612

496-148-622-323 Datasheet (HTML) - EDAC, All Rights Reserved.


496-148-622-323 Product details

Features

  • High density 96 Contacts 3 Row Metal-to-Metal Connector on 2.54mm (.100”) Grid
  • Contacts: Straight
  • Contact Material: Phosphor Bronze with selective gold plating and tin on tails:
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.7 x 0.3mm (.028” x .012”) Rectangular
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single, double or triple rows; or 2.54 x 5.08mm (.100” x .200”) single, double or triple rows.
  • Available in: 8, 16, 24, 32, 48, 64, and 96 positions
  • Connectors designed to meet DIN 41612-C (Female) specifications




Similar Part No. - 496-148-622-323

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
496-148-622-323 EDAC-496-148-622-323 Datasheet
270Kb / 2P
496 Series Edge Connector | DIN 41612
More results


Similar Description - 496-148-622-323

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
496-SERIES EDAC-496-SERIES Datasheet
270Kb / 2P
496 Series Edge Connector | DIN 41612
496-108-241-121 EDAC-496-108-241-121 Datasheet
147Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-321-121 EDAC-496-108-321-121 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-340-123 EDAC-496-108-340-123 Datasheet
147Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-370-121 EDAC-496-108-370-121 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-370-123 EDAC-496-108-370-123 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-381-123 EDAC-496-108-381-123 Datasheet
148Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-622-123 EDAC-496-108-622-123 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-108-673-121 EDAC-496-108-673-121 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
496-116-221-111 EDAC-496-116-221-111 Datasheet
146Kb / 1P
496 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com