Electronic Components Datasheet Search
  English  ▼

X  

RFD16N05 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

RFD16N05 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # RFD16N05
Download  RFD16N05 Download
File Size   491.7 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

RFD16N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD16N05 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # RFD16N05
Download  RFD16N05 Click to download

File Size   491.7 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

RFD16N05 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


RFD16N05 Product details

Features
VDS (V) =60V
RDS(ON) < 47mΩ (VGS = 5V)
UIS SOA Rating Curve (Single Pulse)
Design Optimized for 5V Gate Drives
Can be Driven Directly from CMOS, NMOS, TTL Circuits
SOA is Power Dissipation Limited
Nanosecond Switching Speeds
Linear Transfer Characteristics
High Input Impedance
Majority Carrier Device




Similar Part No. - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
July 1999
RFD16N05 INTERSIL-RFD16N05 Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
226Kb / 8P
16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
More results


Similar Description - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com