Electronic Components Datasheet Search
  English  ▼

X  

493-116-240-122 Datasheet (PDF) - EDAC, All Rights Reserved.

493-116-240-122 Datasheet PDF - EDAC, All Rights Reserved.
Part # 493-116-240-122
Download  493-116-240-122 Download
File Size   140.91 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 493 Series,Edge Connector | DIN 41612

493-116-240-122 Datasheet (PDF)

Go To PDF Page Download Datasheet
493-116-240-122 Datasheet PDF - EDAC, All Rights Reserved.

Part # 493-116-240-122
Download  493-116-240-122 Click to download

File Size   140.91 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 493 Series,Edge Connector | DIN 41612

493-116-240-122 Datasheet (HTML) - EDAC, All Rights Reserved.


493-116-240-122 Product details

Features

  • High density 96 Contact 3 Row Metal-to-Metal Connector on 2.54mm (.100”) Grid
  • Contact Material and Finish: Brass with selective gold plating and tin on tails:
  • CLASS 3: 2- Gold Flash Plating
  • CLASS 2: 3- 15u" of Gold Plating
  • CLASS 1: 6- 30u" of Gold Plating
  • Contact Tails: 0.6 x 0.5mm (.024” x .020”)
  • Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single, double
  • or triple rows; or 2.54 x 5.08mm (.100” x .200”) single, double
  • or triple rows.
  • Available in: 5, 8, 10, 15, 16, 20, 24, 30, 32, 48, 64, and 96 positions
  • Connectors designed to meet DIN 41612-R (Male) specifications




Similar Part No. - 493-116-240-122

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
493-116-240-122 EDAC-493-116-240-122 Datasheet
246Kb / 2P
493 Series Edge Connector | DIN 41612
More results


Similar Description - 493-116-240-122

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
493-SERIES EDAC-493-SERIES Datasheet
246Kb / 2P
493 Series Edge Connector | DIN 41612
493-105-280-122 EDAC-493-105-280-122 Datasheet
139Kb / 1P
493 Series,Edge Connector | DIN 41612
493-105-322-121 EDAC-493-105-322-121 Datasheet
139Kb / 1P
493 Series,Edge Connector | DIN 41612
493-105-370-121 EDAC-493-105-370-121 Datasheet
139Kb / 1P
493 Series,Edge Connector | DIN 41612
493-105-380-122 EDAC-493-105-380-122 Datasheet
139Kb / 1P
493 Series,Edge Connector | DIN 41612
493-105-640-122 EDAC-493-105-640-122 Datasheet
138Kb / 1P
493 Series,Edge Connector | DIN 41612
493-105-641-122 EDAC-493-105-641-122 Datasheet
138Kb / 1P
493 Series,Edge Connector | DIN 41612
493-108-241-122 EDAC-493-108-241-122 Datasheet
139Kb / 1P
493 Series,Edge Connector | DIN 41612
493-108-273-121 EDAC-493-108-273-121 Datasheet
140Kb / 1P
493 Series,Edge Connector | DIN 41612
493-108-280-121 EDAC-493-108-280-121 Datasheet
140Kb / 1P
493 Series,Edge Connector | DIN 41612
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com