Electronic Components Datasheet Search
  English  ▼

X  

IRFR4105 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRFR4105 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRFR4105
Download  IRFR4105 Download
File Size   490.14 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 55V N-Channel MOSFET

IRFR4105 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR4105 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRFR4105
Download  IRFR4105 Click to download

File Size   490.14 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 55V N-Channel MOSFET

IRFR4105 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRFR4105 Product details

Description
Ultra Low On-Resistance
Fast Switching
Fully Avalanche Rated
Lead-Free
VDS(V) = 50V
ID = 27A (VGS = 10V)
RDS(ON) < 45mΩ (V GS = 10V)




Similar Part No. - IRFR4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105 IRF-IRFR4105 Datasheet
144Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
logo
Kersemi Electronic Co.,...
IRFR4105 KERSEMI-IRFR4105 Datasheet
3Mb / 10P
Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFR4105 ISC-IRFR4105 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR4105PBF IRF-IRFR4105PBF Datasheet
240Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
More results


Similar Description - IRFR4105

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5506 GOOD-ARK-SSF5506 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
IRFZ44NS TGS-IRFZ44NS Datasheet
117Kb / 1P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com