Electronic Components Datasheet Search
  English  ▼

X  

NE556DR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

NE556DR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # NE556DR
Download  NE556DR Download
File Size   1366.57 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Universal dual channel precision timer

NE556DR Datasheet (PDF)

Go To PDF Page Download Datasheet
NE556DR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # NE556DR
Download  NE556DR Click to download

File Size   1366.57 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Universal dual channel precision timer

NE556DR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


NE556DR Product details

Low turn-off time
The maximum operating frequency is greater than 500kHz.
Time ranges from microseconds to several hours.
There are two working modes: the intermediate steady state and the monostable state.
High output current source or sink 200mA current
Adjustable duty cycle
TTL compatibility
Temperature stability 0.005%/℃




Similar Part No. - NE556DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE556DR TI-NE556DR Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
NE556DR TI-NE556DR Datasheet
755Kb / 19P
DUAL PRECISION TIMERS
NE556DR TI1-NE556DR Datasheet
789Kb / 19P
DUAL PRECISION TIMERS
NE556DRE4 TI-NE556DRE4 Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
NE556DRE4 TI-NE556DRE4 Datasheet
755Kb / 19P
DUAL PRECISION TIMERS
More results


Similar Description - NE556DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4753B PHILIPS-HEF4753B Datasheet
95Kb / 10P
Universal timer module
January 1995
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
Precision Timer
logo
Advanced Linear Devices
ALD1502 ALD-ALD1502 Datasheet
38Kb / 4P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
logo
Hitachi Semiconductor
HA17555 HITACHI-HA17555 Datasheet
52Kb / 10P
Precision Timer
logo
Renesas Technology Corp
HA17555 RENESAS-HA17555 Datasheet
135Kb / 8P
Precision Timer
HA17555 RENESAS-HA17555_15 Datasheet
160Kb / 10P
Precision Timer
logo
Pericom Semiconductor C...
PT8A2521 PERICOM-PT8A2521 Datasheet
304Kb / 9P
Universal Timer Controller
PT8A2524 PERICOM-PT8A2524 Datasheet
288Kb / 10P
Universal Timer Controller
logo
ADL Embedded Solutions
ALD1502 ADL-ALD1502 Datasheet
82Kb / 10P
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
2010
logo
Diodes Incorporated
NE555S DIODES-NE555S Datasheet
673Kb / 14P
PRECISION TIMER
Rev. 5 - 2 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com