Electronic Components Datasheet Search
  English  ▼

X  

SB580-B Datasheet (PDF) - Diodes Incorporated

SB580-B Datasheet PDF - Diodes Incorporated
Part # SB580-B
Download  SB580-B Download
File Size   55.26 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5.0A SCHOTTKY BARRIER RECTIFIER

SB580-B Datasheet (PDF)

Go To PDF Page Download Datasheet
SB580-B Datasheet PDF - Diodes Incorporated

Part # SB580-B
Download  SB580-B Click to download

File Size   55.26 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5.0A SCHOTTKY BARRIER RECTIFIER

SB580-B Datasheet (HTML) - Diodes Incorporated


SB580-B Product details

Features
• Guard Ring Die Construction for Transient Protection
• Low Power Loss, High Efficiency
• High Surge Capability
• High Current Capability
• Surge Overload Rating to 150A Peak
• For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications
• Lead Free Finish, RoHS Compliant (Note 2)




Similar Part No. - SB580-B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB580-5A-DO-27 DGNJDZ-SB580-5A-DO-27 Datasheet
449Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB580-E LRC-SB580-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Won-Top Electronics
SB580-T3 WTE-SB580-T3 Datasheet
63Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
SB580-TB WTE-SB580-TB Datasheet
63Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB580-B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
SB570 DIODES-SB570 Datasheet
56Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 4 -2
SBL530 DIODES-SBL530 Datasheet
90Kb / 2P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. D-2
SB520 DIODES-SB520_1 Datasheet
69Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
SBL530 DIODES-SBL530_1 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23043 Rev. 5 - 2
logo
Unisonic Technologies
SB540 UTC-SB540 Datasheet
150Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520_15 Datasheet
75Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SB520 NJSEMI-SB520 Datasheet
95Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
SB570 NJSEMI-SB570 Datasheet
92Kb / 1P
5.0A SCHOTTKY BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com