Electronic Components Datasheet Search
  English  ▼

X  

PKFC08C Datasheet (PDF) - Protek Devices

PKFC08C Datasheet PDF - Protek Devices
Part # PKFC08C
Download  PKFC08C Download
File Size   72.73 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PACKAGED FLIP CHIP ARRAY

PKFC08C Datasheet (PDF)

Go To PDF Page Download Datasheet
PKFC08C Datasheet PDF - Protek Devices

Part # PKFC08C
Download  PKFC08C Click to download

File Size   72.73 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PACKAGED FLIP CHIP ARRAY

PKFC08C Datasheet (HTML) - Protek Devices


PKFC08C Product details

DESCRIPTION
The PKFCxxC series encapsulated flip chips employ advanced silicon P/N junction technology for unmatched board-level transient voltage protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). Developed specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4 requirements. These devices are ideally suited for handheld devices, PCMCIA and SMART cards. This series provides ESD protection greater than 25 kilovolts with a peak pulse power dissipation of 250 Watts per line for an 8/20µs waveform. In addition, the PKFCxxC series features superior clamping performance, low leakage current characteristics and a response time of less than a nanosecond. Their low inductance virtually eliminates overshoot voltage due to package inductance.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Chip Scale Package 0.050” x 0.030”
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration & Monolithic Structure
• Protection for 1 Line
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Cellular Phones
• MCM Boards
• Wireless Communication Circuits
• IR LEDs
• SMART & PCMCIA Cards




Similar Part No. - PKFC08C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKFC08C ETC-PKFC08C Datasheet
98Kb / 5P
PACKAGED FLIP CHIP ARRAY
logo
Protek Devices
PKFC08C PROTEC-PKFC08C Datasheet
82Kb / 5P
PACKAGED FLIP CHIP ARRAY
PKFC08C PROTEC-PKFC08C Datasheet
473Kb / 7P
250w encapsulated flip chip tvs array
PKFC08C PROTEC-PKFC08C Datasheet
475Kb / 7P
250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Similar Description - PKFC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
FLIP CHIP ARRAY
logo
List of Unclassifed Man...
PKFC36C ETC-PKFC36C Datasheet
98Kb / 5P
PACKAGED FLIP CHIP ARRAY
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
FLIP CHIP ARRAY
logo
Protek Devices
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
FLIP CHIP ARRAY
PKFC33C PROTEC-PKFC33C Datasheet
82Kb / 5P
PACKAGED FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com