Electronic Components Datasheet Search
  English  ▼

X  

IWR1843ARBGALPR Datasheet (PDF) - Texas Instruments

IWR1843ARBGALPR Datasheet PDF - Texas Instruments
Part # IWR1843ARBGALPR
Download  IWR1843ARBGALPR Download
File Size   2954.87 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description IWR1843AOP Single-chip 77- and 79-GHz FMCW mmWave Sensor Antennas-On- Package (AOP)

IWR1843ARBGALPR Datasheet (PDF)

Go To PDF Page Download Datasheet
IWR1843ARBGALPR Datasheet PDF - Texas Instruments

Part # IWR1843ARBGALPR
Download  IWR1843ARBGALPR Click to download

File Size   2954.87 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description IWR1843AOP Single-chip 77- and 79-GHz FMCW mmWave Sensor Antennas-On- Package (AOP)

IWR1843ARBGALPR Datasheet (HTML) - Texas Instruments


IWR1843ARBGALPR Product details

1 Features
• FMCW transceiver
– Integrated 4 receivers and 3 transmitters
Antennas-On-Package (AOP)
– Integrated PLL, transmitter, receiver, Baseband,
and ADC
– 76- to 81-GHz coverage with 4 GHz available
bandwidth
– Ultra-accurate chirp engine based on fractional-
N PLL
– TX Effective isotropic radiated power (EIRP):
16 dBm
– RX Effective isotropic noise figure: 10 dB (76 to
81 GHz)
– Phase noise at 1 MHz:
• –95 dBc/Hz (76 to 77 GHz)
• –93 dBc/Hz (77 to 81 GHz)
• Built-in calibration and self-test (monitoring)
– Arm® Cortex®-R4F-based radio control system
– Built-in firmware (ROM)
– Self-calibrating system across process and
temperature
• C674x DSP for FMCW signal processing
• On-chip Memory: 2MB RAM
• Arm Cortex-R4F microcontroller for object tracking
and classification, and interface control
– Supports autonomous mode (loading user
application from QSPI flash memory)
• Host interface
– CAN (two instances, one being CAN-FD)
• Other interfaces available to user application
– Up to 6 general purpose ADC channels
– Up to 2 SPI ports
– Up to 2 UARTs
– I2C
– GPIOs
– 2-lane LVDS interface for raw ADC data and
debug instrumentation
• Device Security (on select part numbers)
– Secure authenticated and encrypted boot
support
– Customer programmable root keys, symmetric
keys (256 bit), Asymmetric keys (up to RSA-2K)
with Key revocation capability
– Crypto software accelerators - PKA , AES (up
to 256 bit), SHA (up to 256 bit), TRNG/DRGB
• Functional safety targeted for SIL-2
• IWR1843AOP advanced features
– Embedded self-monitoring with no host
processor involvement
– Complex baseband architecture
– Embedded interference detection capability
– Programmable phase rotators in transmit path
to enable beam forming
• Power management
– Built-in LDO network for enhanced PSRR
– I/Os support dual voltage 3.3 V/1.8 V
• Clock source
– Supports external oscillator at 40 MHz
– Supports externally driven clock (square/sine)
at 40 MHz
– Supports 40 MHz crystal connection with load
capacitors
• Easy hardware design
– 0.8-mm pitch, 180-pin 15 mm × 15 mm flip chip
BGA package (ALP) for easy assembly and
low-cost PCB design
– Small solution size
• Operating Conditions
– Junction Temperature range: –40°C to 125°C

2 Applications
• Automated door/gate
• Motion detector
• Industrial sensor for measuring range, velocity, and
angle
• Tank level probing radar
• Displacement sensing
• Traffic monitoring
• Proximity sensing
• Security and surveillance
• Factory automation safety guards
• Level Transmitter
• eBike
• Parking barrier
• Off highway vehicle sensor
• Kick eScooter
• Self balancing personal transporter

3 Description
The IWR1843AOP device is an integrated single-chip mmWave sensor based on FMCW radar technology
capable of operating in the 76- to 81-GHz band with up to 4-GHz continuous chirp. The device is built
with the low-power 45-nm RFCMOS process from Texas Instruments. This solution enables unprecedented
levels of integration in an extremely small form factor. The IWR1843AOP is an ideal solution for low-power,
self-monitored, ultra-accurate radar systems in industrial applications, such as, building automation, factory
automation, drones, material handling, traffic monitoring, and surveillance.
The IWR1843AOP device is a self-contained, single-chip solution that simplifies the implementation of mmWave
sensors in the band of 76 to 81 GHz. The IWR1843AOP includes a monolithic implementation of a 3TX, 4RX
system with built-in PLL, and ADC converters. The IWR1843AOP also integrates a DSP subsystem, which
contains a TI high-performance C674x DSP for the radar signal processing. The device includes an ARM R4Fbased
processor subsystem, which is responsible for front-end configuration, control, and calibration. Simple
programming model changes can enable a wide variety of sensor implementation with the possibility of dynamic
reconfiguration for implementing a multimode sensor. The Hardware Accelerator block (HWA) can perform radar
processing and can help save MIPS on the DSP for higher-level algorithms. Additionally, the device is provided
as a complete platform solution including TI reference designs, software drivers, sample configurations, API
guides, training, and user documentation.




Similar Part No. - IWR1843ARBGALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR1843ABGABL TI-IWR1843ABGABL Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
IWR1843AOP TI1-IWR1843AOP Datasheet
2Mb / 74P
IWRL6432 Single-Chip 57- to 64GHz Industrial Radar Sensor
MARCH 2024
IWR1843AQGABL TI1-IWR1843AQGABL Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
IWR1843AQGABL TI-IWR1843AQGABL Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
IWR1843AQGABLR TI1-IWR1843AQGABLR Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
More results


Similar Description - IWR1843ARBGALPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR1443 TI1-AWR1443 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1642 TI1-AWR1642_18 Datasheet
3Mb / 88P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1243 TI1-AWR1243_18 Datasheet
864Kb / 49P
Single-Chip 77- and 79-GHz FMCW Transceiver
AWR1443 TI1-AWR1443_18 Datasheet
1Mb / 76P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR6843AOP TI-AWR6843AOP Datasheet
3Mb / 79P
AWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
IWR6843AOP TI-IWR6843AOP_V01 Datasheet
3Mb / 83P
IWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
AWR6843AOP TI-AWR6843AOP_V01 Datasheet
3Mb / 87P
AWR6843AOP Single-Chip 60- to 64-GHz mmWave Sensor Antennas-On-Package (AOP)
AWR1843AOP TI-AWR1843AOP_V01 Datasheet
3Mb / 88P
AWR1843AOP Single-chip 77- and 79-GHz FMCW radar sensor
REVISED SEPTEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com