Electronic Components Datasheet Search
  English  ▼

X  

HYM8563TS Datasheet (PDF) - HAOYU MICROELECTRONIC., LTD.

HYM8563TS Datasheet PDF - HAOYU MICROELECTRONIC., LTD.
Part # HYM8563TS
Download  HYM8563TS Download
File Size   166.79 Kbytes
Page   12 Pages
Manufacturer  HAOYU [HAOYU MICROELECTRONIC., LTD.]
Direct Link  http://www.haoyu-ic.com/cn/
Logo HAOYU - HAOYU MICROELECTRONIC., LTD.
Description I2C Real Time Clock/Calendar

HYM8563TS Datasheet (PDF)

Go To PDF Page Download Datasheet
HYM8563TS Datasheet PDF - HAOYU MICROELECTRONIC., LTD.

Part # HYM8563TS
Download  HYM8563TS Click to download

File Size   166.79 Kbytes
Page   12 Pages
Manufacturer  HAOYU [HAOYU MICROELECTRONIC., LTD.]
Direct Link  http://www.haoyu-ic.com/cn/
Logo HAOYU - HAOYU MICROELECTRONIC., LTD.
Description I2C Real Time Clock/Calendar

HYM8563TS Datasheet (HTML) - HAOYU MICROELECTRONIC., LTD.


HYM8563TS Product details

Features
■Provides Year, Month, Day, Weekday, Hours,
Minutes and Seconds Information
■Century Flag
■Wide Operating Voltage: 1.8V to 5.5V
■Low Power Consumption: 0.25μA at VDD = 3.0 V
■ I2C-bus Interface
■Programmable Clock Output (32.768 kHz, 1024
Hz, 32 Hz and 1 Hz)
■Alarm and Timer Functions
■Built-in Power Voltage Detecting Circuit
■ I2C -bus Slave Address: Read A3H and Write A2H
■Open-Drain Interrupt Pin
Applications
■Cash Register
■Security Access Controller, Door Controller
■Time Recorder
■Mobile Telephones
■Public Phone Bill Meter, Smart Card Payphone
■MP3/MP4 Player
■ IC Water-Flow Meter, IC Gas Meter

General Description
The HYM8563 is a CMOS real time clock/calendar,
which provides seconds, minutes, hours, day, date,
month, and year information. The number of days in
each month and leap years are automatically
adjusted. The clock can operate in two modes: one
is the 12-hour mode with an AM/PM indicator,the
other is the 24-hour mode. The clock/calendar is full
binary-coded decimal (BCD). In addition, the
HYM8563 contains a programmable clock output, a
timer, an alarm, a voltage-low detector. All address
and data are transferred serially via I2C bus and The
HYM8563 operates as a slave device on the serial
bus. The built-in word address register is
incremented automatically after each written or read
data byte. The HYM8563 is designed to operate on
very low power consumption.




Similar Part No. - HYM8563TS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321000GS-50 SIEMENS-HYM321000GS-50 Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000GS-60 SIEMENS-HYM321000GS-60 Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S-50 SIEMENS-HYM321000S-50 Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM321000S-60 SIEMENS-HYM321000S-60 Datasheet
80Kb / 10P
1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
More results


Similar Description - HYM8563TS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
I2C Real Time Clock/Calendar
July 29, 2005
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
Real time clock/calendar
Rev. 02-16 June 2009
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
Real-time clock/calendar
Rev. 06-21 February 2008
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com