Electronic Components Datasheet Search
  English  ▼

X  

70HF120 Datasheet (PDF) - International Rectifier

70HF120 Datasheet PDF - International Rectifier
Part # 70HF120
Download  70HF120 Download
File Size   204.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES

70HF120 Datasheet (PDF)

Go To PDF Page Download Datasheet
70HF120 Datasheet PDF - International Rectifier

Part # 70HF120
Download  70HF120 Click to download

File Size   204.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES

70HF120 Datasheet (HTML) - International Rectifier


70HF120 Product details

STANDARD RECOVERY DIODES



Features

High surge current capability

Designed for a wide range of applications

Stud cathode and stud anode version

Leaded version available

Types up to 1600V VRRM



Typical Applications

Battery charges

Converters

Power supplies

Machine tool controls

 




Similar Part No. - 70HF120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70HF120 VISHAY-70HF120 Datasheet
174Kb / 7P
Standard Recovery Diodes (Stud Version), 70 A
20-Jun-08
logo
Naina Semiconductor ltd...
70HF120 NAINA-70HF120 Datasheet
77Kb / 1P
SILICON POWER DIODE
logo
Thinki Semiconductor Co...
70HF120 THINKISEMI-70HF120 Datasheet
1Mb / 5P
70A/1200V Metal Stud Type Rectifier Diodes
logo
Inchange Semiconductor ...
70HF120 ISC-70HF120 Datasheet
190Kb / 2P
Standard Recovery Diode
logo
Vishay Siliconix
70HF120M VISHAY-70HF120M Datasheet
174Kb / 7P
Standard Recovery Diodes (Stud Version), 70 A
20-Jun-08
More results


Similar Description - 70HF120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com