Electronic Components Datasheet Search
  English  ▼

X  

DRV8210/P Datasheet (PDF) - Texas Instruments

DRV8210/P Datasheet PDF - Texas Instruments
Part # DRV8210/P
Download  DRV8210/P Download
File Size   4069.47 Kbytes
Page   61 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection

DRV8210/P Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8210/P Datasheet PDF - Texas Instruments

Part # DRV8210/P
Download  DRV8210/P Click to download

File Size   4069.47 Kbytes
Page   61 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection

DRV8210/P Datasheet (HTML) - Texas Instruments


DRV8210/P Product details

1 Features
• N-channel H-bridge brushed DC motor driver
• 1.65-V to 11-V operating supply voltage range
• 240-mΩ RDS(on) (High-Side + Low-Side)
• High output current capability: 4-A Peak
• PWM control interface, up to 100 kHz switching
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Integrated current sensing and current regulation
• Analog current sense output (IPROPI)
• Gain select (GAINSEL) feature for -
– High accuracy current sensing down to 10 mA
– Optimized RDS(ON) and overcurrent limit for
different current ranges
• Configurable inrush time (RTE Package only)
• Internal charge pump
• Long battery life with low-power sleep mode
– < 60 nA maximum sleep current
• Small package footprint
• Integrated protection features
– VM undervoltage lockout (UVLO)
– Auto-retry overcurrent protection (OCP)
– Thermal shutdown (TSD)
– Stall detection (RTE Package only)

2 Applications
• Brushed DC motor, solenoid, & relay driving
• Water and gas meters
• Electronic smart lock
• Electronic and robotic toys
• Infusion pumps and other portable medical
equipments
• Electric toothbrush
• Beauty & grooming
• Portable printers
• Point-of-sale (POS) devices
• Other battery powered DC motor applications

3 Description
The DRV8213 is an integrated motor driver with Nchannel
H-bridge, charge pump, current sense output,
current regulation, and protection circuitry. The tripler
charge pump allows the device to operate down to
1.65 V to accommodate 1.8-V supply rails and lowbattery
conditions. The charge pump integrates all
capacitors and allows for 100% duty cycle operation.
An internal current mirror implements current sensing
and regulation. This eliminates the need for a large
power shunt resistor, saving board area and reducing
system cost. The IPROPI current sense output allows
a microcontroller to detect motor stall or changes in
load conditions. The gain select (GAINSEL) feature
allows high accuracy current sensing down to 10
mA average motor current. Using the VREF pin,
this device can regulate the motor current during
startup and high-load events without interaction
from a microcontroller. The RTE package supports
sensorless motor stall detection and reporting to
microcontroller.
A low-power sleep mode achieves ultra-low quiescent
current by shutting down most of the internal circuitry.
Internal protection features include undervoltage
lockout, overcurrent, and overtemperature.




Similar Part No. - DRV8210/P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8210/P TI-DRV8210/P Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
More results


Similar Description - DRV8210/P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8231 TI-DRV8231 Datasheet
3Mb / 39P
DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8231A TI-DRV8231A Datasheet
3Mb / 41P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8251 TI-DRV8251 Datasheet
2Mb / 33P
DRV8251 4.1-A Brushed DC Motor Driver with Integrated Current Regulation
DECEMBER 2021
DRV8231A TI-DRV8231A_V01 Datasheet
4Mb / 46P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
DRV8231 TI-DRV8231_V01 Datasheet
4Mb / 44P
DRV8231 3.7-A Brushed DC Motor Driver with Integrated Current Regulation
NOVEMBER 2021
DRV8251A TI-DRV8251A Datasheet
3Mb / 39P
DRV8251A 4.1-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
JANUARY 2022
DRV8213 TI-DRV8213 Datasheet
3Mb / 56P
DRV8213 4-A Brushed DC Motor Driver with Integrated Current Sense, Current Regulation and Stall Detection
AUGUST 2023
DRV8214 TI1-DRV8214 Datasheet
2Mb / 91P
DRV8214 2-A Brushed DC Motor Driver with Ripple Counting, Stall Detection, and Speed Regulation
NOVEMBER 2023
DRV8234 TI1-DRV8234 Datasheet
3Mb / 90P
DRV8234 2-A Brushed DC Motor Driver with Ripple Counting, Stall Detection, and Speed Regulation
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com