Electronic Components Datasheet Search
  English  ▼

X  

TD62003AFG Datasheet (PDF) - Toshiba Semiconductor

TD62003AFG Datasheet PDF - Toshiba Semiconductor
Part # TD62003AFG
Download  TD62003AFG Download
File Size   577.52 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7-channel Darlington Sink Driver

TD62003AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62003AFG Datasheet PDF - Toshiba Semiconductor

Part # TD62003AFG
Download  TD62003AFG Click to download

File Size   577.52 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 7-channel Darlington Sink Driver

TD62003AFG Datasheet (HTML) - Toshiba Semiconductor


TD62003AFG Product details

Features
Output current (single output): 500 mA (max)
High sustaining voltage output: 50 V (min)
Output clamp diodes
Inputs compatible with various types of logic
Package type
APG: DIP-16 pin
AFG: SOP-16 pin
Type Input base resistor Designation
TD62003APG/AFG 2.7 kΩ TTL, 5-V CMOS
TD62004APG/AFG 10.5 kΩ 6-V to 15-V PMOS, CMOS




Similar Part No. - TD62003AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003AFG TOSHIBA-TD62003AFG Datasheet
329Kb / 13P
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62003AFG TOSHIBA-TD62003AFG Datasheet
507Kb / 15P
7-channel Darlington Sink Driver
More results


Similar Description - TD62003AFG

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
7CH DARLINGTON SINK DRIVER
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
7-CH Darlington Sink Driver
logo
Unisonic Technologies
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
7-ch Darlington Sink Driver
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
7-channel Darlington Sink Driver
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
7-channel Darlington Sink Driver
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
7-ch Darlington Sink Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com