Electronic Components Datasheet Search
  English  ▼

X  

CEH2311 Datasheet (PDF) - Chino-Excel Technology

CEH2311 Datasheet PDF - Chino-Excel Technology
Part # CEH2311
Download  CEH2311 Download
File Size   131.72 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description P-Channel Enhancement Mode Field Effect Transistor

CEH2311 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEH2311 Datasheet PDF - Chino-Excel Technology

Part # CEH2311
Download  CEH2311 Click to download

File Size   131.72 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description P-Channel Enhancement Mode Field Effect Transistor

CEH2311 Datasheet (HTML) - Chino-Excel Technology


CEH2311 Product details

FEATURES
■ -20V, -3.5A, RDS(ON) = 85mΩ @VGS = -4.5V.
                       RDS(ON) = 130mΩ @VGS = -2.5V.
■ High dense cell design for extremely low RDS(ON).
■ Rugged and reliable.
■ Lead free product is acquired.
■ TSOP-6 package.




Similar Part No. - CEH2311

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEH2310 CET-CEH2310 Datasheet
107Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEH2310L CET-MOS-CEH2310L Datasheet
501Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Sep
logo
Chino-Excel Technology
CEH2313 CET-CEH2313 Datasheet
131Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Comchip Technology
CEH2313-HF COMCHIP-CEH2313-HF Datasheet
516Kb / 6P
MOSFET
REV:C
logo
Chino-Excel Technology
CEH2313 CET-CEH2313_10 Datasheet
345Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - CEH2311

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com