Electronic Components Datasheet Search
  English  ▼

X  

ESD08V23T-2A Datasheet (PDF) - UN Semiconducctor INC

ESD08V23T-2A Datasheet PDF - UN Semiconducctor INC
Part # ESD08V23T-2A
Download  ESD08V23T-2A Download
File Size   2498.78 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD08V23T-2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD08V23T-2A Datasheet PDF - UN Semiconducctor INC

Part # ESD08V23T-2A
Download  ESD08V23T-2A Click to download

File Size   2498.78 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Transient Voltage Suppressors for ESD Protection

ESD08V23T-2A Datasheet (HTML) - UN Semiconducctor INC


ESD08V23T-2A Product details

Feature
320~450 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects one bidirectional line or two unidirectional lines
Low clamping voltage
Low leakage current
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact): 3.3V ~ 15V
IEC61000-4-2 (ESD) ±20kV (air), ±20kV (contact): 18V ~36V

Applications
Cellular Handsets and Accessories
Portable Electronics
Industrial Controls
Set-Top Box
Instrumentation
Servers, Notebook, and Desktop PC




Similar Part No. - ESD08V23T-2A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD08V23T-2A SOCAY-ESD08V23T-2A Datasheet
151Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
More results


Similar Description - ESD08V23T-2A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com