Electronic Components Datasheet Search
  English  ▼

X  

F2800137PM Datasheet (PDF) - Texas Instruments

F2800137PM Datasheet PDF - Texas Instruments
Part # F2800137PM
Download  F2800137PM Download
File Size   5241.99 Kbytes
Page   219 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F280013x Real-Time Microcontrollers

F2800137PM Datasheet (PDF)

Go To PDF Page Download Datasheet
F2800137PM Datasheet PDF - Texas Instruments

Part # F2800137PM
Download  F2800137PM Click to download

File Size   5241.99 Kbytes
Page   219 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMS320F280013x Real-Time Microcontrollers

F2800137PM Datasheet (HTML) - Texas Instruments


F2800137PM Product details

1 Features
• Real-time processing
– 120-MHz C28x 32-bit DSP CPU
– Equivalent to 240-MHz Arm® Cortex®-M7
based device on real-time signal chain
performance (see the Real-time Benchmarks
Showcasing C2000™Control MCU's Optimized
Signal Chain Application Note)
– Floating Point Unit (FPU) for more precise
mathematical calculations
– Trigonometric Math Unit (TMU) speeds up
algorithms key to real-time control systems
• On-chip memory
– 256KB (128KW) of single bank flash (ECCprotected)
– 36KB (18KW) of RAM (ECC/Parity-protected)
– Security
• JTAGLOCK
• Zero-pin boot
• Dual-zone security
• Clock and system control
– Two internal 10-MHz oscillators
– External resistor support for improved internal
oscillator performance (ExtR)
– Crystal oscillator or external clock input
– Windowed watchdog timer module
– Missing clock detection circuitry
– Dual-clock Comparator (DCC)
• 3.3-V I/O design
– Internal VREG generation
– Brownout reset (BOR) circuit
• System peripherals
– 38 individually programmable multiplexed
General-Purpose Input/Output (GPIO) pins (11
shared with Analog)
– 10 digital inputs on analog pins
– Enhanced Peripheral Interrupt Expansion
(ePIE)
– Multiple low-power mode (LPM) support
– Unique Identification (UID) number
• Communications peripherals
– Two Inter-integrated Circuit (I2C) interfaces
– One Controller Area Network (CAN/DCAN) bus
port
– One Serial Peripheral Interface (SPI) port
– Three UART-compatible Serial Communication
Interface (SCI)
• Analog system
– Two 4-MSPS, 12-bit Analog-to-Digital
Converters (ADCs)
• Up to 21 external channels (11 shared with
GPIO)
• Four integrated Post-Processing Blocks
(PPB) per ADC
– One windowed comparator (CMPSS) with
12-bit reference Digital-to-Analog Converters
(DACs)
• Digital glitch filters
• COMPDACOUT (11-bit)
– Three windowed comparators (CMPSS_LITE)
with 9.5-bit effective reference DACs
• Digital glitch filters
• Enhanced control peripherals
– 14 ePWM channels with two channels
that have high-resolution capability (150-ps
resolution)
• Integrated dead-band support
• Integrated hardware trip zones (TZs)
– Two Enhanced Capture (eCAP) modules
– One Enhanced Quadrature Encoder Pulse
(eQEP) module with support for CW/CCW
operation modes
– Embedded Pattern Generator (EPG)
• CMAC Keys (128-bits) for SW AES
• Package options:
– 64-pin Low-profile Quad Flatpack (LQFP)
[PM suffix]
– 48-pin LQFP [PT suffix]
– 48-pin Very Thin Quad Flatpack No Lead
(VQFN) [RGZ suffix]
– 32-pin VQFN [RHB suffix]
• Temperature options:
– Ambient (TA): –40°C to 125°C

2 Applications
• Appliances
– Air conditioner outdoor unit
• For C2000 solution, see the Air-conditioner
Outdoor Unit section.
– Washer & dryer
• For C2000 solution, see the Washer and
Dryer section.
– Robotic lawn mower
• For C2000 solution, see the Robotic Lawn
Mower section.
– Merchant telecom rectifiers
• For C2000 solution, see the Merchant
Telecom Rectifiers section.
– Appliances pumps & fans
– Appliances: compressor
– Cordless handheld garden tool
– Cordless power tool
– Lawn mower
– Mains powered tools
– Cooker hood
– Dishwasher
– Refrigerator & freezer
– Air conditioner indoor unit
– Vacuum robot
– Air purifier & humidifier
– Cordless vacuum cleaner
– Mixer, blender & food processor
– Residential & living fan
• Building automation
– Automated door & gate
– HVAC motor control
• Factory automation & control
– Actuator
– Automated sorting equipment
• Mobile robot motor controller
– Textile machine
• Motor drives
– AC drive control module
– AC drive power stage module
– Linear motor power stage
– Drone propeller ESC
– Servo drive control module
– Servo drive power stage module
– AC-input BLDC motor drive
– DC-input BLDC motor drive
– Closed loop stepper
– Open loop stepper
• Industrial power
– Industrial AC-DC
• Portable power station
– UPS
• Single-phase line interactive UPS
– Single-phase online UPS
• Telecom & server power
– Merchant DC/DC
– Merchant network & server PSU
– Merchant telecom rectifiers
• See Merchant Telecom Rectifiers section.
• Grid infrastructure
– Micro inverter
– Rapid shutdown
– Solar arc protection
– Solar charge controller
– Solar power optimizer

3 Description
The TMS320F280013x (F280013x) is a member of the C2000™ real-time microcontroller family of scalable,
ultra-low latency devices designed for efficiency in power electronics.
The real-time control subsystem is based on TI’s 32-bit C28x DSP core, which provides 120 MHz of signalprocessing
performance for floating- or fixed-point code running from either on-chip flash or SRAM. The C28x
CPU is further boosted by the Trigonometric Math Unit (TMU), speeding up common algorithms key to real-time
control systems.
The F280013x supports up to 256KB (128KW) of flash memory. Up to 36KB (18KW) of on-chip SRAM is also
available to supplement the flash memory.
High-performance analog blocks are integrated into the F280013x real-time microcontroller (MCU) and are
closely coupled with the processing and PWM units to provide optimal real-time signal chain performance.
Fourteen PWM channels enable control of various power stages from a 3-phase inverter to power-factor
correction and other advanced multilevel power topologies.
Interfacing is supported through various industry-standard communication ports (such as SPI, SCI, I2C, and
CAN) and offers multiple pin-muxing options for optimal signal placement.
Want to learn more about features that make C2000 MCUs the right choice for your real-time control system?
Check out The Essential Guide for Developing With C2000™ Real-Time Microcontrollers and visit the C2000™
real-time control MCUs page.
The Getting Started With C2000™ Real-Time Control Microcontrollers (MCUs) Getting Started Guide covers all
aspects of development with C2000 devices from hardware to support resources. In addition to key reference
documents, each section provides relevant links and resources to further expand on the information covered.




Similar Part No. - F2800137PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F2800137PM TI1-F2800137PM Datasheet
5Mb / 219P
TMS320F280013x Real-Time Microcontrollers
NOVEMBER 2023
F2800137PMR TI-F2800137PMR Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
F2800137PMR TI-F2800137PMR Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
F2800137PMR TI-F2800137PMR Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
F2800137PMR TI-F2800137PMR Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
More results


Similar Description - F2800137PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F2800137 TI-TMS320F2800137 Datasheet
5Mb / 207P
TMS320F280013x Real-Time Microcontrollers
OCTOBER 2022
TMS320F2800137 TI-TMS320F2800137_V01 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V02 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V03 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V04 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V05 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800157-Q1 TI-TMS320F2800157-Q1_V01 Datasheet
5Mb / 232P
TMS320F280015x Real-Time Microcontrollers
REVISED JULY 2023
TMS320F2800137 TI1-TMS320F2800137_V06 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
TMS320F2800137 TI-TMS320F2800137_V07 Datasheet
4Mb / 209P
TMS320F280013x Real-Time Microcontrollers
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com