Electronic Components Datasheet Search
  English  ▼

X  

TPSM863252 Datasheet (PDF) - Texas Instruments

TPSM863252 Datasheet PDF - Texas Instruments
Part # TPSM863252
Download  TPSM863252 Download
File Size   1273.89 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package

TPSM863252 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM863252 Datasheet PDF - Texas Instruments

Part # TPSM863252
Download  TPSM863252 Click to download

File Size   1273.89 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package

TPSM863252 Datasheet (HTML) - Texas Instruments


TPSM863252 Product details

1 Features
• Features and configured for a wide range of
applications
– 3-V to 17-V input voltage range
– 0.6-V to 10-V output voltage range for
TPSM863252
– 0.6-V to 5.5-V output voltage range for
TPSM863257
– Fixed 3.3-V output voltage for TPSM863253
– 0.6-V reference voltage
– ± 1 % reference accuracy at 25°C
– ± 1.5 % reference accuracy at –40°C to 125°C
– Integrated 55-mΩ and 24-mΩ MOSFETs
– 100-μA low quiescent current
– 1.2-MHz switching frequency
– Maximum 95 % large duty cycle operation
– Precision EN threshold voltage
– 1.6-ms fixed typical soft-start time
• Ease of use and small design size
– TPSM863252 Eco-mode, TPSM863257 forced
continuous conduction (FCCM) mode at light
loading
– Fast transient D-CAP3™ control mode
– Easy layout with integrated bootstrap capacitor
and inductor
– Support start-up with prebiased output voltage
– Open-drain power-good indicator
– Non-latch for OV, OT, and UVLO protection
– Hiccup mode in UV protection
– Cycle-by-cycle OC and NOC protection
– –40°C to 125°C operating junction temperature
– 3.3-mm × 4-mm × 2-mm QFN package

2 Applications
• Merchant network and server PSU
• Other AC/DC adapters/PSU
• Factory automation and control
• Test and measurement

3 Description
The TPSM86325x is a simple, easy-to-use, highefficiency,
high-power density, synchronous buck
module with input voltage ranging from 3 V to 17 V
and supports up to 3-A continuous current.
The TPSM86325x employs D-CAP3 control mode
to provide a fast transient response and to support
low-ESR output capacitors with no requirement for
external compensation. The device can support up to
95% duty cycle operation.
The TPSM863252 operates in Eco-mode, which
maintains high efficiency during light loading. The
TPSM863257 operates in FCCM mode, which keeps
the same frequency and lower output ripple during
all load conditions. TPSM863253 is fixed 3.3-V output
voltage part with FCCM mode. The device integrates
complete protection through OVP, OCP, UVLO, OTP,
and UVP with hiccup.
The device is available in a QFN package. The
junction temperature is specified from –40°C to
125°C.




Similar Part No. - TPSM863252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
TPSM863252 TI1-TPSM863252 Datasheet
1Mb / 24P
TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package
JANUARY 2024
TPSM863252 TI1-TPSM863252 Datasheet
1Mb / 31P
TPSM86325x 3V to 17V Input, 3A, Synchronous Buck Module in QFN Package
JANUARY 2024
More results


Similar Description - TPSM863252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563202 TI1-TPS563202 Datasheet
854Kb / 22P
TPS563202 4.3-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
TPS563202 TI1-TPS563202_V01 Datasheet
912Kb / 24P
TPS563202 4.3-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
TPS563207 TI-TPS563207 Datasheet
1Mb / 23P
TPS563207 4.3-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
TPSM863252 TI-TPSM863252 Datasheet
1Mb / 28P
TPSM86325x 3-V to 17-V Input, 3-A Synchronous Buck Module in QFN Package
MARCH 2023
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS563252 TI-TPS563252_V02 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
TPS564252 TI-TPS564252_V02 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM861253 TI-TPSM861253 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com