Electronic Components Datasheet Search
  English  ▼

X  

THVD1330DR Datasheet (PDF) - Texas Instruments

THVD1330DR Datasheet PDF - Texas Instruments
Part # THVD1330DR
Download  THVD1330DR Download
File Size   1051.56 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection

THVD1330DR Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD1330DR Datasheet PDF - Texas Instruments

Part # THVD1330DR
Download  THVD1330DR Click to download

File Size   1051.56 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection

THVD1330DR Datasheet (HTML) - Texas Instruments


THVD1330DR Product details

1 Features
• Meets or exceeds the requirements of the
TIA/EIA-485A standard
• 3 V to 3.6 V supply voltage
• Half-Duplex RS-422/RS-485
• High speed operation: 32 Mbps max data rate
• Bus I/O protection
– ± 16 kV HBM ESD
– ± 8 kV IEC 61000-4-2 Contact Discharge
• Extended industrial temperature range:
−40°C to 125°C
• Bus common mode range: −7 V to 12 V
• Low shutdown current 5 μA max
• Glitch-free power-up or down for hot plug-in
capability
• Open, short, and idle bus failsafe receiver

2 Applications
• Wireless infrastructure
• Factory automation & control
• Building automation
• Grid infrastructure

3 Description
THVD1330 is a robust half-duplex RS-485 transceiver
for industrial applications. The bus pins are immune
to high levels of IEC Contact Discharge ESD
events eliminating the need of additional system
level protection components. Both the transmitter
and receiver are capable of operating at maximum
32 Mbps signaling rate. The device is optimized
for small propagation delay variation to support timesensitive
applications such as Baseband unit (BBU)
and Remote radio unit (RRU).
The device operates from a single 3.3 V supply.
The wide common-mode voltage range and low input
leakage on bus pins make THVD1330 suitable for
multi-point applications over long cable runs.
THVD1330 is available in industry standard 8-pin
SOIC package for drop-in compatibility. The device is
characterized from –40°C to 125°C.




Similar Part No. - THVD1330DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1330DR TI2-THVD1330DR Datasheet
981Kb / 24P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
THVD1330DR.A TI2-THVD1330DR.A Datasheet
981Kb / 24P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results


Similar Description - THVD1330DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV.A
logo
Texas Instruments
SN65HVD888 TI1-SN65HVD888 Datasheet
438Kb / 21P
Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
SN55HVD75-EP TI1-SN55HVD75-EP Datasheet
1Mb / 32P
3.3-V Supply RS-485 With IEC ESD Protection
MAX3318 TI1-MAX3318_15 Datasheet
776Kb / 18P
TRANSCEIVER WITH ESD PROTECTION
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1520 TI1-THVD1520 Datasheet
661Kb / 22P
THVD1520 10 Mbps RS-485 Transceiver With 짹8-kV IEC ESD Protection
logo
ON Semiconductor
ESDM1131 ONSEMI-ESDM1131 Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
logo
Analog Devices
ADLT2852S-CSL AD-ADLT2852S-CSL Datasheet
424Kb / 12P
3.3 V, 20 Mbps RS485/RS422 Transceiver
Rev. 0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com