Electronic Components Datasheet Search
  English  ▼

X  

OPA990-Q1 Datasheet (PDF) - Texas Instruments

OPA990-Q1 Datasheet PDF - Texas Instruments
Part # OPA990-Q1
Download  OPA990-Q1 Download
File Size   2237.0 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp

OPA990-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA990-Q1 Datasheet PDF - Texas Instruments

Part # OPA990-Q1
Download  OPA990-Q1 Click to download

File Size   2237.0 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp

OPA990-Q1 Datasheet (HTML) - Texas Instruments


OPA990-Q1 Product details

1 Features
• Low offset voltage: ±300 μV
• Low offset voltage drift: ±0.6 μV/°C
• Low noise: 30 nV/√Hz at 1 kHz
• High common-mode rejection: 115 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• MUX-friendly comparator inputs:
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 1.1-MHz GBW
• High slew rate: 4.5 V/μs
• Low quiescent current: 120 μA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance: 78 dB at 1.8 GHz
• Differential and common-mode input voltage range
to supply rail

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• HEV/EV battery-management system (BMS)
• Body electronics and lighting
• Infotainment and cluster
• Passive safety
• Powertrain current sensor
• High-side current sensing

3 Description
The OPAx990-Q1 family (OPA990-Q1, OPA2990-Q1,
and OPA4990-Q1) is a family of high voltage (40 V)
general purpose operational amplifiers. These devices
offer excellent DC precision and AC performance,
including rail-to-rail input or output, low offset (±300
μV, typ), and low offset drift (±0.6 μV/°C, typ).
Unique features such as differential and commonmode
input voltage range to the supply rail, high
short-circuit current (±80 mA), and high slew rate (4.5
V/μs) make the OPAx990-Q1 an extremely flexible,
robust, and high-performance op amp for high-voltage
automotive applications.
The OPAx990-Q1 family of op amps is available in
several standard packages (such as, SOT-23, SOIC,
and TSSOP) and is specified from –40°C to 125°C.




Similar Part No. - OPA990-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990-Q1 TI1-OPA990-Q1 Datasheet
2Mb / 39P
OPAx990-Q1 Automotive 40V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
FEBRUARY 2024
More results


Similar Description - OPA990-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990 TI1-OPA990_V01 Datasheet
2Mb / 59P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V02 Datasheet
3Mb / 64P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V03 Datasheet
4Mb / 71P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V04 Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V05 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V06 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V07 Datasheet
5Mb / 81P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V08 Datasheet
5Mb / 83P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
OPA992-Q1 TI-OPA992-Q1_V08 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com