Electronic Components Datasheet Search
  English  ▼

X  

22013047 Datasheet (PDF) - Molex Electronics Ltd.

22013047 Datasheet PDF - Molex Electronics Ltd.
Part # 22013047
Download  22013047 Download
File Size   273.23 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 2.54 SR R-R 4CKT 150MM DISC Sn

22013047 Datasheet (PDF)

Go To PDF Page Download Datasheet
22013047 Datasheet PDF - Molex Electronics Ltd.

Part # 22013047
Download  22013047 Click to download

File Size   273.23 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK 2.54 SR R-R 4CKT 150MM DISC Sn

22013047 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 22013047

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22013047 MOLEX-22013047 Datasheet
268Kb / 1P
KK 2.54 SR R-S 4CKT 300MM DISC Sn
2021/01/11
More results


Similar Description - 22013047

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2177971042 MOLEX-2177971042 Datasheet
268Kb / 1P
KK 2.54 SR R-S 4CKT 300MM DISC Sn
2021/01/11
2174651041 MOLEX-2174651041 Datasheet
275Kb / 1P
ULTRA-FIT SR R-R 4CKT 150MM DISC Sn
2021/01/22
2177961021 MOLEX-2177961021 Datasheet
265Kb / 1P
KK 2.54 SR R-R 2CKT 150MM DISC Sn
2021/01/11
2177961031 MOLEX-2177961031 Datasheet
271Kb / 1P
KK 2.54 SR R-R 3CKT 150MM DISC Sn
2021/01/11
2177961051 MOLEX-2177961051 Datasheet
281Kb / 1P
KK 2.54 SR R-R 5CKT 150MM DISC Sn
2021/01/11
2177961061 MOLEX-2177961061 Datasheet
288Kb / 1P
KK 2.54 SR R-R 6CKT 150MM DISC Sn
2021/01/11
2177961101 MOLEX-2177961101 Datasheet
307Kb / 1P
KK 2.54 SR R-R 10CKT 150MM DISC Sn
2021/01/11
2177971021 MOLEX-2177971021 Datasheet
268Kb / 1P
KK 2.54 SR R-S 2CKT 150MM DISC Sn
2021/01/11
2196641042 MOLEX-2196641042 Datasheet
254Kb / 1P
KK 3.96 R-R 4ckt 150mm disc Sn
2022/01/19
2240891042 MOLEX-2240891042 Datasheet
100Kb / 1P
KK Plus250 R-R 4ckt 150mm disc Sn
2023/03/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com